Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6670AS Datasheet(PDF) 49 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 45Page - STMicroelectronics PM6670AS Datasheet HTML 46Page - STMicroelectronics PM6670AS Datasheet HTML 47Page - STMicroelectronics PM6670AS Datasheet HTML 48Page - STMicroelectronics PM6670AS Datasheet HTML 49Page - STMicroelectronics PM6670AS Datasheet HTML 50Page - STMicroelectronics PM6670AS Datasheet HTML 51Page - STMicroelectronics PM6670AS Datasheet HTML 52Page - STMicroelectronics PM6670AS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
PM6670AS
Application information
49/54
If the ripple on pin COMP is greater than the integrator output dynamic (150 mV), an
additional capacitor Cfilt could be added in order to reduce its amplitude. If q is the desired
attenuation factor of the output ripple, select:
Equation 50
In order to reduce noise on pin COMP, it's possible to introduce a resistor RINT that, together
with CINT and Cfilt, becomes a low psas filter. The cutoff frequency fCUT must be much
greater (10 or more times) than the switching frequency of the section:
Equation 51
For most of applications both RINT and Cfilt are unnecessary.
If the ripple is very small (e.g. such as with ceramic capacitors), an additional compensation
network, called "Virtual ESR" network, is needed. This additional part generates a triangular
ripple that substitutes the ESR output voltage ripple. The complete compensation scheme is
represented in Figure 41.
Figure 41. Virtual ESR network
q
)
q
1
(
C
C
INT
filt
=
FILT
INT
FILT
INT
CUT
INT
C
C
C
C
f
2
1
R
+
π
=
VREF
CFILT
CINT
RINT
PWM Comparator
gm
+
-
+
-
0.9V
VDDQ
Ton
Generation
Block
C
R
R1
L
Integrator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com