Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8800A Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 9Page - STMicroelectronics PM8800A Datasheet HTML 10Page - STMicroelectronics PM8800A Datasheet HTML 11Page - STMicroelectronics PM8800A Datasheet HTML 12Page - STMicroelectronics PM8800A Datasheet HTML 13Page - STMicroelectronics PM8800A Datasheet HTML 14Page - STMicroelectronics PM8800A Datasheet HTML 15Page - STMicroelectronics PM8800A Datasheet HTML 16Page - STMicroelectronics PM8800A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PM8800A
Electrical specifications
13/35
Note:
1
These values applies over the full operating temperarure range.
2
Device thermal limitations could limit useful operating range.
3The VCC regulator is intended for internal use only as bias supply of PM8800A; any
additional external VCC current has to be limited within the specified max current limit.
Peak sink current
CLOAD = 3.3 nF;
Guaranteed by design
1200
mA
Thermal shutdown
Shutdown temp.
1st level; Inrush phase only;
Guaranteed by design
130
°C
2nd Level; guaranteed by design
160
°C
Th. shutdown Hyst.
30
°C
VCC regulation
VCC
Internal default
VIN = 48 V; VCC = open
8 (1)
8.3
8.6 (1)
V
Current capability
VIN = 48 V; GD = open
10 (1)
mA
VCCUVLO
Internal default
UVLO, release
VCC rising; wrt VCC
-400 (1)
-50
mV
Internal default;
UVLO, lock-out
VCC falling
6.4 (1)
6.7
7.1 (1)
V
ICC
VCC supply current
VCC = 10 V
4
mA
VCC regulator
dropout
ICC = 5 mA; GD = open
2
V
Table 6.
Electrical characteristics - SMPS section
(VIN = 48 V, VCC = open, TA = 25 °C unless otherwise specified).
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com