Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8800A Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 17Page - STMicroelectronics PM8800A Datasheet HTML 18Page - STMicroelectronics PM8800A Datasheet HTML 19Page - STMicroelectronics PM8800A Datasheet HTML 20Page - STMicroelectronics PM8800A Datasheet HTML 21Page - STMicroelectronics PM8800A Datasheet HTML 22Page - STMicroelectronics PM8800A Datasheet HTML 23Page - STMicroelectronics PM8800A Datasheet HTML 24Page - STMicroelectronics PM8800A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
PM8800A
PD interface
21/35
Figure 12.
DC current vs RDC
This limitation is active after nPGD set and when the PD is supplied through the PoE or in
the Front connection (see Section 7)
The PM8800A useful programming range for the current limitation is between 150 mA and
800 mA. Practical resistor value ranges between 15 k
Ω and 75 kΩ.
5.6
HV regulator startup
PM8800A embeds a high voltage start-up regulator to provide a controlled reference voltage
of 8.3 V to the Current mode PWM during its start-up phase.
The regulator output is connected to the VCC pin as well as to the DC DC section
In normal isolated topology, the VCC pin is diode connected to the auxiliary winding of the
transformer used for the flyback or forward configuration. When the voltage from the
transformer exceeds the regulated voltage, the high voltage regulator is shut off, reducing
the amount of power dissipated inside the PM8800A.
The external auxiliary voltage must higher then 8.3 V but must be also lower than 15 V
under all working conditions, to avoid the intervent of the internal protection clamp.
A VCC UVLO mechanism monitors the level of voltage on the VCC pin. When VCC voltage
exceeds the VCCUVLO_R the PWM controller is enabled and it remains enabled until the
VCC voltage drops under its VCCUVLO_F value.
0
100
200
300
400
500
600
700
800
900
10
20
30
40
50
60
70
80
RDC [kohm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com