Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8800A Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 24Page - STMicroelectronics PM8800A Datasheet HTML 25Page - STMicroelectronics PM8800A Datasheet HTML 26Page - STMicroelectronics PM8800A Datasheet HTML 27Page - STMicroelectronics PM8800A Datasheet HTML 28Page - STMicroelectronics PM8800A Datasheet HTML 29Page - STMicroelectronics PM8800A Datasheet HTML 30Page - STMicroelectronics PM8800A Datasheet HTML 31Page - STMicroelectronics PM8800A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
PWM section
PM8800A
28/35
Figure 18.
Internal short circuit
Ch1 = 5 Vout, Ch2 = SoftStart, Ch4= I input
6.6
Leading edge blanking
The sense current waveform often observes large spikes on the leading edge. This is due to
rectifier recovery and/or interwinding capacitance in the power transformer. If not
attenuated, this transient can prematurely terminate the output pulse. A simple RC filter -
whose time constant is approximately equal to the spike duration - is usually adequate to
suppress this spike.
An internal blanking time has been anyway integrated in order to prevent false overcurrent
detection to terminate the PWM waveform. This is done by a masking logic, active for
duration of 70 ns after the turn-on time of the primary side MOSFET.
6.7
Thermal protection
PM8800A has a two level thermal protection referred to the internal junction temperature.
First limit is set to 130 °C and limits the current into the hot-swap MOSFET to 140 mA every
time the voltage difference between VSS and GND is higher than 3 V.
The second limit is set to 160 °C and is always active. When this threshold is overtaken, the
hot-swap is opened and the PWM controller is switched-off.
4
2
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com