Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8800A Datasheet(PDF) 29 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 25Page - STMicroelectronics PM8800A Datasheet HTML 26Page - STMicroelectronics PM8800A Datasheet HTML 27Page - STMicroelectronics PM8800A Datasheet HTML 28Page - STMicroelectronics PM8800A Datasheet HTML 29Page - STMicroelectronics PM8800A Datasheet HTML 30Page - STMicroelectronics PM8800A Datasheet HTML 31Page - STMicroelectronics PM8800A Datasheet HTML 32Page - STMicroelectronics PM8800A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
PM8800A
Auxiliary sources
29/35
7
Auxiliary sources
The majority of powered devices is designed to work with power from either PoE network or
auxiliary sources. Even though having both sources simultaneously connected is not the
normal operating case, the presence of an auxiliary supply allows PDs to be used also when
the PoE is not available or not sufficient. This is particularly true for appliances requiring
more than 12.95 W connected to 802.3af compliant PSE.
High degree of flexibility is granted by the PM8800A for designs based on external sources.
As depicted in the following figure there are two available options for connecting auxiliary
sources to the PM8800A. One possibility consists in diode O-ring the auxiliary source into
the PM8800A PoE pins (VIN and VSS) referred to "Option I ". In the second alternative,
referred to "Option II" the external supply voltage is diode ORed into the PWM section of the
device.
Figure 19.
Alternatives for auxiliary source connection
The two options differ for the in-rush and DC current protection, for the allowed auxiliary
source voltage range, power sequence and prevalence of the external source with respect
to the PoE one.
Option I configuration has been designed to take advantage of the inherent in-rush and DC
current protection also when working with voltages from external power supplies.
When the auxiliary source is connected prior to PD detection by the PSE and has a voltage
above the VUVLO_R (38-57 V), the internal UVLO is released and the MOSFET is switched
on, starting the inrush phase. Inrush and DC current limit can be programmed by respective
external resistors see Section 5.4 and Section 5.5.
Internal under voltage lock out threshold can be lowered by connecting the auxiliary source
to the AUXI_IRL pin. Wall adapter with supply voltage lower than 38 V can be used, still
profiting from the inrush and DC current limit provided by the hot-swap MOSFET.
PM8800
VIN
VSS
RCLASS
DCCL
AUXI_IRL
VFB
GD
SS
nPGD
RT
GND
AGND
COMP
CS
VCC
AUXII
Option I
Option II
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com