Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHFL4913
Description  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 2Page - STMicroelectronics RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
RHFL4913
6/19
5
Electrical characteristics
Table 4.
Electrical characteristics
(TJ = 25 °C, VI = VO+2.5 V, CI = CO = 1 µF, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage IO = 1 A, TJ = -55 to 125°C3
12
V
VO
Operating output
voltage
IO = 1 A and or 2, VO = 1.23 V
1.19
1.27
V
IO = 1 A and or 2, VO = 9 V
8.7
9.3
V
ISHORT
Output current limit (1)
Adjustable by mask/external resistor
1
4.5
A
ΔVO/ΔVI Line regulation
VI = VO+2.5 V to 12 V, IO = 5 mA,
TJ = +25°C
0.35
%
VI = VO+2.5 V to 12 V, IO = 5 mA,
TJ = -55°C
0.4
VI = VO+2.5 V to 12 V, IO = 5 mA,
TJ = +125°C
0.4
ΔVO/ΔVO Load regulation
VI = VO+2.5 V, IO = 5 to 400 mA,
TJ = +25°C
0.3
%
VI = VO+2.5 V, IO = 5 to 400 mA,
TJ = -55°C
0.5
VI = VO+2.5 V, IO = 5 to 400 mA,
TJ = +125°C
0.5
VI = VO+2.5 V, IO = 5 mA to 1 A,
TJ = +25°C
0.5
VI = VO+2.5 V, IO = 5 mA to 1A, TJ = -55°C0.6
VI = VO+2.5 V, IO = 5 mA to 1A,
TJ = +125°C
0.6
ZOUT
Output impedance
IO = 100 mA DC and 20 mA rms
100
m
Ω
Iq
Quiescent current
VI = VO+2.5 V, IO = 5 mA, ON mode
(+25°C)
6
mA
VI = VO+2.5 V, IO = 30 mA, ON mode
(+25°C)
8
VI = VO+2.5 V, IO = 300 mA, ON mode
(+25°C)
25
VI = VO+2.5 V, IO = 1 A, ON mode (+25°C)
60
VI = VO+2 V, VINH = 2.4 V, OFF mode
1
Iq
Quiescent current
ON mode
VI = VO+2.5 V, IO = 30 mA, (-55°C)
14
mA
VI = VO+2.5 V, IO = 300 mA, (-55°C)
40
VI = VO+2.5 V, IO = 1 A, (-55°C)
100
VI = VO+2.5 V, IO = 30 mA, (+125°C)
8
VI = VO+2.5 V, IO = 300 mA, (+125°C)
20
VI = VO+2.5 V, IO = 1 A, (+125°C)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com