Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHFL4913
Description  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics RHFL4913 Datasheet HTML 11Page - STMicroelectronics RHFL4913 Datasheet HTML 12Page - STMicroelectronics RHFL4913 Datasheet HTML 13Page - STMicroelectronics RHFL4913 Datasheet HTML 14Page - STMicroelectronics RHFL4913 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RHFL4913
Application information
11/19
parasitic voltage, resistor RW1can be introduced to provide the necessary compensating
voltage signal to the ADJUST pin.
7.3
FPGA power supply lines
Because these devices are very sensitive to VDD transients beyond a few % of their nominal
supply voltage (usually 1.5 V), special attention must be given by supply lines designers to
mitigate possible heavy ion L4913 disturbances. The worst case heavy ion effect can be
summarized as: the L4913 internal control loop being cut (made open) or short-circuited for
a sub-microsecond duration. During such an event, the L4913 die power element can either
provide excessive current or current supply stoppage to the output (VOUT) for a duration of
about one microsecond, after which time the L4913 smoothly recovers to nominal operation.
To mitigate these "transients", it is recommended to implement the L4913 PCB layout as
follows:
●
Minimizing series/parallel parasitic inductances of the PC path
●
Using a low ESR 47 µF Tantalum VOUT filtering capacitor with a 470 nF ceramic
capacitor in parallel with the former (to reduce dynamic ESR)
●
Inserting a 100-200 nH ferrite core on the VOUT-to-tantalum capacitor wire
With this implementation, the ELDO simulated worst transient case shows no more than 90
mV deviation from the nominal line voltage value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com