Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFL4913
Description  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics RHFL4913 Datasheet HTML 11Page - STMicroelectronics RHFL4913 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Device description
RHFL4913
8/19
6
Device description
The RHFL4913 adjustable voltage regulator contains a PNP type power element controlled
by a signal resulting from an amplified comparison between the internal temperature-
compensated band-gap and the fraction of the desired output voltage value obtained from
an external resistor divider bridge. The device is protected by several functional blocks.
6.1
ADJ pin
The load output voltage feedback comes from an external resistor divider bridge mid-point
connected to the ADJ pin (allowing all possible output voltage settings as per user
requirements) established between load terminals.
6.2
Inhibit ON-OFF control
By setting the INHIBIT pin TTL high, the device switches off the output current and voltage.
The device is ON when the INHIBIT pin is set low. Since the INHIBIT pin is pulled down
internally, it can be left floating in cases where the inhibit function is not used.
6.3
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The
device turns off when a temperature of approximately 175 °C is reached, returning to ON
mode when back to approximately 135 °C. Combined with the other protection blocks, the
device is protected from destructive junction temperature excursions in all load conditions. It
should be noted that when the internal temperature detector reaches 175 °C, the active
power element can be as high as 225 °C. Prolonged operation under these conditions far
exceeds the maximum operating ratings and device reliability cannot be guaranteed.
6.4
Overcurrent protection
An internal non fold-back short circuit limitation is set with ISHORT > 3.8 A (VO is 0 V). This
value can be decreased via an external resistor connected between the ISC and VI pins, with
a typical value range of 10 k
Ωto 200 kΩ. To maintain optimal VO regulation, it is necessary to
set ISHORT 1.6 times greater than the maximum desired application IO. When IO reaches
ISHORT – 300 mA, the current limiter overrules the regulation, VO starts to drop and the OCM
flag is raised. When no current limitation adjustment is required, the ISC pin must be left
unbiased (as it is in 3 pin packages).
6.5
OCM pin
The OCM pin goes low when the current limit becomes active, otherwise VOCM = VI. It is
buffered and can sink 10 mA. The OCM pin is internally pulled up by a 5 k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com