Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFL4913
Description  Rad-hard adjustable positive voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics RHFL4913 Datasheet HTML 11Page - STMicroelectronics RHFL4913 Datasheet HTML 12Page - STMicroelectronics RHFL4913 Datasheet HTML 13Page - STMicroelectronics RHFL4913 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application information
RHFL4913
10/19
7
Application information
To adjust the output voltage, the R2 resistor must be connected between the VO and ADJ
pins. The R1 resistor must be connected between ADJ and ground. Resistor values can be
derived from the following formula:
VO = VADJ (R1+ R2) / R1
The VADJ is 1.23 V, controlled by the internal temperature-compensated band gap block.
The minimum output voltage is therefore 1.22 V and minimum input voltage is 3 V.
The RHFL4913 adjustable is functional as soon as the VI - VO voltage difference is slightly
above the power element saturation voltage. The adjust pin to ground resistor value must
not be greater than 10 k
Ω, in order to keep the output feedback error below 0.2%. A
minimum of 0.5 mA IO must be set to ensure perfect no-load regulation. It is advisable to
dissipate this current into the divider bridge resistor. All available VI pins, as well as all
available VO pins, should always be externally interconnected, otherwise the stability and
reliability of the device cannot be guaranteed. The inhibit function switches off the output
current electronically, and therefore very quickly. According to Lenz’s Law, external circuitry
reacts with LdI/dt terms which can be of high amplitude in case somewhere a serial coil
inductance exists. Large transient voltage would develop on both device terminals. It is
advisable to protect the device with Schottky diodes to prevent negative voltage excursions.
In the worst case, a 14 V Zener diode could protect the device input. The device has been
designed for high stability and low dropout operation. Therefore, tantalum input and output
capacitors with a minimum 1 µF are mandatory. Capacitor ESR range is from 0.5
Ω to over
20
Ω. This range is useful when ESR increases at low temperature. When large transient
currents are expected, larger value capacitors are necessary.
In the case of high current operation with short circuit events expected, caution must be
exercised with regard to capacitors. They must be connected as close as possible to the
device terminals. As some tantalum capacitors may permanently fail when subjected to high
charge-up surge currents, it is recommended to decouple them with 470 nF polyester
capacitors.
Since the RHFL4913 adjustable voltage regulator is manufactured with very high speed
bipolar technology (6 GHz fT transistors), the PCB layout must be designed with exceptional
care, with very low inductance and low mutually coupling lines. Otherwise, high frequency
parasitic signals may be picked up by the device resulting in system self-oscillation. The
benefit is an SVR performance extended to far higher frequencies.
7.1
Notes on the 16-pin hermetic package
The bottom section of the 16-pin package is metallized in order to allow the user to directly
solder the RHFL4913 onto the equipment heat sink for enhanced heat removal.
7.2
Remote sensing operation
A separate kelvin voltage sensing line provides the ADJ pin with exact load "high potential"
information (see Figure 3) . But variable remote load current consumption induces variable
Iq current (Iq is roughly the IO current divided by the hFE of the internal PNP series power
element) routed through the parasitic series line resistor RW2. To compensate for this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com