Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SRI512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SRI512_08 Datasheet HTML 11Page - STMicroelectronics SRI512_08 Datasheet HTML 12Page - STMicroelectronics SRI512_08 Datasheet HTML 13Page - STMicroelectronics SRI512_08 Datasheet HTML 14Page - STMicroelectronics SRI512_08 Datasheet HTML 15Page - STMicroelectronics SRI512_08 Datasheet HTML 16Page - STMicroelectronics SRI512_08 Datasheet HTML 17Page - STMicroelectronics SRI512_08 Datasheet HTML 18Page - STMicroelectronics SRI512_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
SRI512
Memory mapping
15/47
4.1
Resettable OTP area
This area contains five individual 32-bit Boolean words (see Figure 12 for a map of the
area). A Write_block command will not erase the previous contents of the block as the write
cycle is not preceded by an auto-erase cycle. This feature can be used to reset selected bits
from 1 to 0. All bits previously at 0 remain unchanged. When the 32 bits of a block are all at
0, the block is empty, and cannot be updated any more. See Figure 13 and Figure 14 for
examples of the result of the Write_block command in the resettable OTP area.
Figure 12.
Resettable OTP area (addresses 0 to 4)
Figure 13.
Write_block update in standard mode (binary format)
The five 32-bit blocks making up the Resettable OTP area can be erased in one go by
adding an auto-erase cycle to the Write_block command. An auto-erase cycle is added
each time the SRI512 detects a Reload command. The Reload command is implemented
through a specific update of the 32-bit binary counter located at block address 6 (see
Section 4.2: 32-bit binary counters for details).
Block
Address
MSb
b31
32-bit Block
b16 b15 b14
b8 b7
LSb
b0
Description
Resettable
OTP Bit
0
1
2
3
4
32-bit Boolean Area
32-bit Boolean Area
32-bit Boolean Area
32-bit Boolean Area
32-bit Boolean Area
ai12381
ai07658
1
...
1
1
01011
11
1
0
11
1
...
1
0
01011
00
1
1
11
1
...
1
0
01011
00
1
0
11
Previous data stored in block
Data to be written
New data stored in block
b31
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com