Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SRI512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SRI512_08 Datasheet HTML 15Page - STMicroelectronics SRI512_08 Datasheet HTML 16Page - STMicroelectronics SRI512_08 Datasheet HTML 17Page - STMicroelectronics SRI512_08 Datasheet HTML 18Page - STMicroelectronics SRI512_08 Datasheet HTML 19Page - STMicroelectronics SRI512_08 Datasheet HTML 20Page - STMicroelectronics SRI512_08 Datasheet HTML 21Page - STMicroelectronics SRI512_08 Datasheet HTML 22Page - STMicroelectronics SRI512_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
SRI512
Memory mapping
19/47
4.4
System area
This area is used to modify the settings of the SRI512. It contains 3 registers:
OTP_Lock_Reg, Fixed Chip_ID and ST Reserved. See Figure 18 for a map of this area.
A Write_block command in this area will not erase the previous contents. Selected bits can
thus be set from 1 to 0. All bits previously at 0 remain unchanged. Once all the 32 bits of a
block are at 0, the block is empty and cannot be updated any more.
Figure 18.
System area
4.4.1
OTP_Lock_Reg
The 16 bits, b31 to b16, of the System area (block address 255) are used as
OTP_Lock_Reg bits in the SRI512. They control the write access to the 16 blocks 0 to 15 as
follows:
●
When b16 is at 0, block 0 is write-protected
●
When b17 is at 0, block 1 is write-protected
●
When b18 is at 0, block 2 is write-protected
●
When b19 is at 0, block 3 is write-protected
●
When b20 is at 0, block 4 is write-protected
●
When b21 is at 0, block 5 is write-protected
●
When b22 is at 0, block 6 is write-protected
●
When b23 is at 0, block 7 is write-protected
●
When b24 is at 0, block 8 is write-protected
●
When b25 is at 0, block 9 is write-protected
●
When b26 is at 0, block 10 is write-protected
●
When b27 is at 0, block 11 is write-protected
●
When b28 is at 0, block 12 is write-protected
●
When b29 is at 0, block 13 is write-protected
●
When b30 is at 0, block 14 is write-protected
●
When b31 is at 0, block 15 is write-protected.
The OTP_Lock_Reg bits cannot be erased. Once write-protected, the blocks behave like
ROM blocks and cannot be unprotected. After any modification of the OTP_Lock_Reg bits, it
is necessary to send a Select command with a valid Chip_ID to the SRI512 in order to load
the block write protection into the logic.
Block
Address
255
MSb
32-bit Block
LSb
Description
OTP
OTP_Lock_Reg
ST Reserved
Fixed Chip_ID
(Option)
ai12374b
0
b31
b16 b15 b14
b8 b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com