Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SRI512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SRI512_08 Datasheet HTML 33Page - STMicroelectronics SRI512_08 Datasheet HTML 34Page - STMicroelectronics SRI512_08 Datasheet HTML 35Page - STMicroelectronics SRI512_08 Datasheet HTML 36Page - STMicroelectronics SRI512_08 Datasheet HTML 37Page - STMicroelectronics SRI512_08 Datasheet HTML 38Page - STMicroelectronics SRI512_08 Datasheet HTML 39Page - STMicroelectronics SRI512_08 Datasheet HTML 40Page - STMicroelectronics SRI512_08 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
SRI512
SRI512 commands
37/47
Figure 46.
Write_block frame exchange between reader and SRI512
8.9
Get_UID() command
Command code = 0Bh
On receiving the Get_UID command, the SRI512 returns its 8 UID bytes. UID bytes are
transmitted with the least significant byte first, and each byte is transmitted with the least
significant bit first.
The SRI512 must have received a Select() command and be switched to Selected state
before any Get_UID() command can be accepted. All Get_UID() commands sent to the
SRI512 before a Select() command is issued, are ignored.
Figure 47.
Get_UID request format
Request parameter:
●
No parameter
Figure 48.
Get_UID response format
Response parameters:
●
UID 0: Less significant UID byte
●
UID 1 to UID 6: UID bytes
●
UID 7: Most significant UID byte.
Data 1
AI10949b
Data 2 Data 3 Data 4
Reader
SRI512
CRCL CRCH EOF
SOF
09h
Address
No response
SOF
Get_UID
CRCL
CRCH
EOF
AI07693b
0Bh
8 bits
8 bits
SOF
UID 1
CRCL
CRCH
EOF
AI07694
8 bits
UID 2
UID 3
UID 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
UID 0
UID 5
8 bIts
UID 6
8 bIts
8 bits
UID 7
8 bIts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com