Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRI512 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SRI512
Description  13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI512 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SRI512_08 Datasheet HTML 12Page - STMicroelectronics SRI512_08 Datasheet HTML 13Page - STMicroelectronics SRI512_08 Datasheet HTML 14Page - STMicroelectronics SRI512_08 Datasheet HTML 15Page - STMicroelectronics SRI512_08 Datasheet HTML 16Page - STMicroelectronics SRI512_08 Datasheet HTML 17Page - STMicroelectronics SRI512_08 Datasheet HTML 18Page - STMicroelectronics SRI512_08 Datasheet HTML 19Page - STMicroelectronics SRI512_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Memory mapping
SRI512
16/47
Figure 14.
Write_block update in reload mode (binary format)
4.2
32-bit binary counters
The two 32-bit binary counters located at block addresses 5 and 6, respectively, are used to
count down from 232 (4096 million) to 0. The SRI512 uses dedicated logic that only allows
the update of a counter if the new value is lower than the previous one. This feature allows
the application to count down by steps of 1 or more. The initial value in the counter is
FFFF FFFFh. When the value displayed is 0000 0000h, the counter is empty and cannot be
reloaded. The counter is updated by issuing the Write_block command to block address 5 or
6, depending on which counter is to be updated. The Write_block command writes the new
32-bit value to the counter block address. Figure 16 shows examples of how the counters
operate.
The counter programming cycles are protected by automated antitearing logic. This function
allows the counter value to be protected in case of power down within the programming
cycle. In case of power down, the counter value is not updated and the previous value
continues to be stored.
Blocks 5 and 6 can be write-protected using the OTP_Lock_Reg bits (block 255). Once a
block has been protected, its contents cannot be modified. A protected counter block
behaves like a ROM block.
Figure 15.
Binary counter (addresses 5 to 6)
ai07659
1
...11
0
1011
11
1
0
11
1
...11
1
1011
00
1
1
11
1
...11
1
1011
00
1
1
11
Previous data stored in block
Data to be written
New data stored in block
b31
b0
Block
Address
MSb
32-bit Block
LSb
Description
Count down
Counter
5
6
32-bit Binary Counter
32-bit Binary Counter
ai12384
b31
b16 b15 b14
b8 b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com