Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 17 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SRIX4K_08 Datasheet HTML 13Page - STMicroelectronics SRIX4K_08 Datasheet HTML 14Page - STMicroelectronics SRIX4K_08 Datasheet HTML 15Page - STMicroelectronics SRIX4K_08 Datasheet HTML 16Page - STMicroelectronics SRIX4K_08 Datasheet HTML 17Page - STMicroelectronics SRIX4K_08 Datasheet HTML 18Page - STMicroelectronics SRIX4K_08 Datasheet HTML 19Page - STMicroelectronics SRIX4K_08 Datasheet HTML 20Page - STMicroelectronics SRIX4K_08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
SRIX4K
Memory mapping
17/47
Figure 17.
Count down example (binary format)
The counter with block address 6 controls the Reload command used to reset the resettable
OTP area (addresses 0 to 4). Bits b31 to b21 act as an 11-bit Reload counter; whenever one
of these 11 bits is updated, the SRIX4K detects the change and adds an Erase cycle to the
Write_block command for locations 0 to 4 (see Section 4.1: Resettable OTP area). The
Erase cycle remains active until a Power-off or a Select command is issued. The SRIX4K’s
resettable OTP area can be reloaded up to 2,047 times (211-1).
4.3
EEPROM area
The 121 blocks between addresses 7 and 127 are EEPROM blocks of 32 bits each (484
bytes in total). (See Figure 18 for a map of the area.) These blocks can be accessed using
the Read_block and Write_block commands. The Write_block command for the EEPROM
area always includes an auto-erase cycle prior to the write cycle.
Blocks 7 to 15 can be write-protected. Write access is controlled by the 8 bits of the
OTP_Lock_Reg located at block address 255 (see Section 4.4.1: OTP_Lock_Reg for
details). Once protected, these blocks (7 to 15) cannot be unprotected.
ai07661
1
...1111111111111
1
...111111111111
0
1
...
11111111111
01
Initial data
1-unit decrement
1-unit decrement
b31
b0
1
...
11111111111
00
1
...
111111111
0100
1
...111111111
1000
1-unit decrement
8-unit decrement
Increment not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com