Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 30 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SRIX4K_08 Datasheet HTML 26Page - STMicroelectronics SRIX4K_08 Datasheet HTML 27Page - STMicroelectronics SRIX4K_08 Datasheet HTML 28Page - STMicroelectronics SRIX4K_08 Datasheet HTML 29Page - STMicroelectronics SRIX4K_08 Datasheet HTML 30Page - STMicroelectronics SRIX4K_08 Datasheet HTML 31Page - STMicroelectronics SRIX4K_08 Datasheet HTML 32Page - STMicroelectronics SRIX4K_08 Datasheet HTML 33Page - STMicroelectronics SRIX4K_08 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
SRIX4K commands
SRIX4K
30/47
9.2
Pcall16() command
Command code = 06h - 04h
The SRIX4K must be in Inventory state to interpret the Pcall16() command.
On receiving the Pcall16() command, the SRIX4K first generates a new random
Chip_slot_number value (in the 4 least significant bits of the Chip_ID). Chip_slot_number
can take on a value between 0 an 15 (1111b). The value is retained until a new Pcall16() or
Initiate() command is issued, or until the SRIX4K is powered off. The new Chip_slot_number
value is then compared with the value 0000b. If they match, the SRIX4K returns its Chip_ID
value. If not, the SRIX4K does not send any response.
The Pcall16() command, used together with the Slot_marker() command, allows the reader
to search for all the Chip_IDs when there are more than one SRIX4K device in Inventory
state present in the reader field range.
Figure 27.
Pcall16 request format
Request parameter:
●
No parameter
Figure 28.
Pcall16 response format
Response parameter:
●
Chip_ID of the SRIX4K
Figure 29.
Pcall16 frame exchange between reader and SRIX4K
SOF
Pcall16
CRCL
CRCH
EOF
AI07673b
06h
04h
8 bits
8 bits
SOF
Chip_ID
CRCL
CRCH
EOF
AI07671
8 bits
8 bits
8 bits
SOF
06h
CRCL
CRCH EOF
AI07674b
Reader
SRIX4K
SOF
Chip_ID
CRCL CRCH
EOF
<-t0-><-t1->
04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com