Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 38 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SRIX4K_08 Datasheet HTML 34Page - STMicroelectronics SRIX4K_08 Datasheet HTML 35Page - STMicroelectronics SRIX4K_08 Datasheet HTML 36Page - STMicroelectronics SRIX4K_08 Datasheet HTML 37Page - STMicroelectronics SRIX4K_08 Datasheet HTML 38Page - STMicroelectronics SRIX4K_08 Datasheet HTML 39Page - STMicroelectronics SRIX4K_08 Datasheet HTML 40Page - STMicroelectronics SRIX4K_08 Datasheet HTML 41Page - STMicroelectronics SRIX4K_08 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
SRIX4K commands
SRIX4K
38/47
Unique Identifier (UID)
Members of the SRIX4K family are uniquely identified by a 64-bit Unique Identifier (UID).
This is used for addressing each SRIX4K device uniquely after the anticollision loop. The
UID complies with ISO/IEC 15963 and ISO/IEC 7816-6. It is a read-only code, and
comprises (as summarized in Figure 50):
●
an 8-bit prefix, with the most significant bits set to D0h
●
an 8-bit IC manufacturer code (ISO/IEC 7816-6/AM1) set to 02h (for
STMicroelectronics)
●
a 6-bit IC code set to 00 0011b = 3d for SRIX4K
●
a 42-bit unique serial number
Figure 50.
64-bit unique identifier of the SRIX4K
Figure 51.
Get_UID frame exchange between reader and SRIX4K
9.10
Power-on state
After power-on, the SRIX4K is in the following state:
●
It is in the low-power state.
●
It is in Ready state.
●
It shows highest impedance with respect to the reader antenna field.
●
It will not respond to any command except Initiate().
AI14082
D0h
Unique Serial Number
02h
63
55
47
0
Most significant bits
Least significant bits
41
3d
S
O
F
CRCL CRCH
E
O
F
AI07692b
Reader
SRIX4K
<-t0-><-t1->
S
O
F
CRCL CRCH
E
O
F
0Bh
UID
1
UID
2
UID
3
UID
4
UID
0
UID
5
UID
6
UID
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com