Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 36 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SRIX4K_08 Datasheet HTML 32Page - STMicroelectronics SRIX4K_08 Datasheet HTML 33Page - STMicroelectronics SRIX4K_08 Datasheet HTML 34Page - STMicroelectronics SRIX4K_08 Datasheet HTML 35Page - STMicroelectronics SRIX4K_08 Datasheet HTML 36Page - STMicroelectronics SRIX4K_08 Datasheet HTML 37Page - STMicroelectronics SRIX4K_08 Datasheet HTML 38Page - STMicroelectronics SRIX4K_08 Datasheet HTML 39Page - STMicroelectronics SRIX4K_08 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
SRIX4K commands
SRIX4K
36/47
9.8
Write_block (Addr, Data) command
Command code = 09h
On receiving the Write_block command, the SRIX4K writes the 4 bytes contained in the
command to the addressed block, provided that the block is available and not write-
protected. Data bytes are transmitted with the least significant byte first, and each byte is
transmitted with the least significant bit first.
The address byte gives access to the 128 blocks of the SRIX4K (addresses 0 to 127).
Write_block commands issued with a block address above 127 will not be interpreted and
the SRIX4K will not return any response, except for the System area located at address
255.
The result of the Write_block command is submitted to the addressed block. See the
following Figures for a complete description of the Write_block command:
●
Figure 13: Resettable OTP area (addresses 0 to 4).
●
Figure 16: Binary counter (addresses 5 to 6).
●
Figure 18: EEPROM (addresses 7 to 127).
The Write_block command does not give rise to a response from the SRIX4K. The reader
must check after the programming time, tW, that the data was correctly programmed. The
SRIX4K must have received a Select() command and be switched to Selected state before
any Write_block command can be accepted. All Write_block commands sent to the SRIX4K
before a Select() command is issued, are ignored.
Figure 45.
Write_block request format
Request parameters:
●
Address: block addresses from 0 to 127, or 255
●
Data 1: Less significant data byte
●
Data 2: Data byte
●
Data 3: Data byte
●
Data 4: Most significant data byte.
Figure 46.
Write_block response format
SOF
Data 1
CRCL
CRCH
EOF
AI07687b
8 bits
Data 2
Data 3
Data 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
Write_block
Address
09h
8 bIts
AI07680
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com