Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.3-R71 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2504ACPZ-3.3-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.3-R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2504ACPZ-3.3-R71 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
70
60
50
40
30
Preliminary Technical Data
ADP2503/ADP2504
100
50
90
45
80
40
IOUT = 500mA
35
30
25
20
15
20
IOUT = 100mA
10
IOUT = 10mA
10
5
0
0
2.3
2.8
3.3
3.8
4.3
4.8
5.3
VIN (V)
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
Figure 12. Quiescent Current vs. Input Voltage (VOUT = 3.3 V)
Figure 9. Efficiency vs. Input Voltage (VOUT = 3.3 V)
3.35
VIN = 3.0V TO 3.6V
VOUT = 5.0V
VIN
3.33
SW1
3.31
4
3.29
2
SW2
3
VOUT
3.27
1
3.25
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
CH1 50.0mV
B
W CH2 1.00V
B
W
M40.0µs
A CH2
3.40mV
CH3 5.00V B
CH4 5.00V B
T
18.20%
W
W
IOUT (A)
Figure 13. Line Transient, PWM Mode (VIN = 3.0 V to 3.6 V, VOUT = 5.0 V)
Figure 10. Load Regulation (VIN = 3.6 V, VOUT = 3.3 V)
2.8
VIN = 3.0V TO 3.6V
VIN
VOUT = 3.3V
2.7
–40°C
2.6
SW1
+25°C
4
2.5
2
SW2
2.4
+85°C
3
VOUT
1
CH1 50.0mV
B
W CH2 1.00V
B
W
M40.0µs
A CH2
3.40V
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
CH3 5.00V B
CH4 5.00V B
T
18.20%
W
W
Figure 11. Frequency vs. Input Voltage Over Temperature (VOUT = 3.3 V)
Figure 14. Line Transient, PWM Mode (VIN = 3.0 V to 3.6 V, VOUT = 3.3 V)
Rev. PrB | Page 7 of 16
2.3
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com