Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.3-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2504ACPZ-3.3-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.3-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2504ACPZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 11Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 12Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 13Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 14Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 15Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADP2503/ADP2504
Preliminary Technical Data
PCB LAYOUT GUIDELINES
Poor layout can affect ADP2503/ADP2504 performance,
causing electromagnetic interference (EMI) and electromagnetic
compatibility (EMC) performance, ground bounce, and voltage
losses. Poor layout can also affect regulation and stability. A
good layout is implemented using the following rules:
• Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies and large tracks act like
antennas.
• Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
• Maximize the size of ground metal on the component side
to help with thermal dissipation.
• Use a ground plane with several vias connecting to the
component side ground to further reduce noise interference
on sensitive circuit nodes.
VIN
PGND
VOUT
PGND
EN
1
1
J6
J5
TP1
TP2
J2
J1
J4
J3
R2
R3
C4
C1
C2
L1
10mm
8mm
C3
JP1
U1
JP1
R1
SYNC
ADP2503/ADP2504 EVALUATION BOARD
Figure 28. ADP2503/ADP2504 Evaluation Board
Rev. PrB | Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com