Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.3-R71 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2504ACPZ-3.3-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.3-R71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2504ACPZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 9Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 10Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 11Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 12Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 13Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 14Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADP2503/ADP2504
ENABLE
The device starts operation with soft start when the EN pin is
brought high. Pulling the EN pin low forces the device into
shutdown, with a typical shutdown current of 0.2 μA.
In this mode, the PMOS power switches are turned off, the
NMOS power switches are turned on, and the control circuitry is
not enabled. For proper operation, the EN pin must be
terminated and must not be left floating.
UNDERVOLTAGE LOCKOUT
The undervoltage lockout circuit prevents the device from oper­
ating incorrectly at low input voltages. It prevents the converter
from turning on the power switches under undefined conditions
and therefore, prevents deep discharge of the battery supply. VIN
must be greater than 2.25 V to enable the converter. During
operation, if VIN drops below 2.18 V, the ADP2503/ADP2504
are disabled until the supply exceeds the UVLO rising threshold.
THERMAL SHUTDOWN
When the junction temperature, TJ, exceeds 150°C typical,
the device goes into thermal shutdown. In this mode, the power
switches are turned off. The device resumes operation when the
junction temperature again falls below 125°C typical.
SHORT CIRCUIT PROTECTION
When the nominal inductor peak current value of 1.5 A is
reached, the ADP2503/ADP2504 first switch off the NMOS2
transistor if it was active. If the current thereafter continues to
increase by an extra amount of 200 mA, the PMOS1 transistor
is also switched off. This operation is reversible when the short
circuit stops. It allows the inductor current ripple to be mini­
mized close to 1.5 A and, thus, the controller to restore VOUT
even if a high load current is maintained after the short circuit.
Rev. PrB | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com