Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2504ACPZ-3.3-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2504ACPZ-3.3-R71
Description  600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2504ACPZ-3.3-R71 Datasheet(HTML) 1 Page - Analog Devices

  ADP2504ACPZ-3.3-R71 Datasheet HTML 1Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 2Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 3Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 4Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 5Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 6Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 7Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 8Page - Analog Devices ADP2504ACPZ-3.3-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
600 mA/1000 mA, 2.5 MHz Buck-Boost
DC-to-DC Converter
Preliminary Technical Data
ADP2503/ADP2504
FEATURES
1 mm height profile
Compact PCB footprint
Seamless transition between modes
38 μA typical quiescent current
2.5 MHz operation enables 1 μH inductor
Input voltage: 2.3 V to 5.5 V
Fixed output voltage: 2.8 V to 5.0 V
600 mA (ADP2503) and 1000 mA (ADP2504) output options
Boost converter configuration with load disconnect
Sync pin with three different modes:
Power save mode (PSM) for improved light load efficiency
Forced fixed frequency operation mode
Synchronization with external clock
Internal compensation
Soft start
Enable/shutdown logic input
Overtemperature protection
Short-circuit protection
Undervoltage lockout protection
Small 10-lead 3 mm × 3 mm LFCSP/QFN package
APPLICATIONS
Wireless handsets
Digital cameras/portable audio players
Miniature hard disk power supplies
USB powered devices
GENERAL DESCRIPTION
The ADP2503/ADP2504 are high efficiency, low quiescent
current step-up/step-down dc-to-dc converters that can operate
at input voltages above, below, or equal to the regulated output
voltage. The power switches and synchronous rectifiers are
internal to minimize external part count. At high load currents,
the ADP2503/ADP2504 use a current-mode, fixed frequency
PWM control scheme for optimal stability and transient response.
To ensure the longest battery life in portable applications, the
ADP2503/ADP2504 have an optional power save mode that
reduces the switching frequency under light load conditions.
For wireless and other low noise applications where variable
frequency power save mode may cause interference, the logic
control input sync forces fixed frequency PWM operation
under all load conditions.
The ADP2503/ADP2504 can run from input voltages between
2.3 V and 5.5 V, allowing single lithium or lithium polymer cell,
multiple alkaline or NiMH cells, PCMCIA, USB, and other
standard power sources. The ADP2503/ADP2504 have fixed
output options ranging from 2.8 V to 5 V. Compensation is
internal to minimize the number of external components.
During logic-controlled shutdown, the input is disconnected
from the output and draws less than 1 μA from the input source.
Operating as a boost converter, the ADP2503/ADP2504 feature
a true load disconnect function that isolates the load from the
power source. Other key features include under voltage lockout
to prevent deep battery discharge and soft start to prevent input
current overshoot at startup.
TYPICAL APPLICATION CIRCUIT
1.0µH
SW1
PVIN
VIN
2.3V TO 5.5V
VOUT
2.8V TO 5V
22µF
10µF
ADP2503
VIN
VOUT
SW2
FB
SYNC
EN
OFF
ON
PGND
AGND
Figure 1. Application Circuit
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Tel: 781.329.4700
www.analog.com
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADP2504ACPZ-3.3-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2504ACPZ-3.3-R7 AD-ADP2504ACPZ-3.3-R7 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
More results

Similar Description - ADP2504ACPZ-3.3-R71

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B Datasheet
206Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
May, 2007 - Rev. 0
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
STMicroelectronics
STBB2 STMICROELECTRONICS-STBB2 Datasheet
2Mb / 25P
800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
12-Feb-2014
logo
NXP Semiconductors
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
DC6M60XX6 NXP-DC6M60XX6 Datasheet
507Kb / 26P
6 MHz, 650 mA, ultra small DC-to-DC buck converter
Rev. 2-29 January 2013
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com