Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/US Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7MDT2-EPB2/US
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/US Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/US Datasheet HTML 3Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 4Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 5Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 6Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 7Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 8Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 9Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 10Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
7/150
1 PREAMBLE: ST72C334-Auto VERSUS ST72E331 SPECIFICATION
New Features available on the ST72C334-Auto
■ 8 or 16K Flash/ROM with In-Situ Programming
and Readout protection
■ New ADC with a better accuracy and conversion
time
■ New configurable Clock, Reset and Supply
system
■ New power saving mode with real-time base:
Active Halt
■ Beep capability on PF1
■ New interrupt source: Clock security system
(CSS) or Main clock controller (MCC)
ST72C334-Auto I/O Configuration and Pinout
■ Same pinout as ST72E331
■ PA6 and PA7 are true open drain I/O ports
without pull-up (same as ST72E331)
■ PA3, PB3, PB4 and PF2 have no pull-up
configuration (all I/Os present on TQFP44)
■ PA5:4, PC3:2, PE7:4 and PF7:6 have high sink
capabilities (20mA on N-buffer, 2mA on P-buffer
and pull-up). On the ST72E331, all these pads
(except PA5:4) were 2mA push-pull pads
without high sink capabilities. PA4 and PA5
were 20mA true open drains.
New Memory Locations in ST72C334-Auto
■ 20h: MISCR register becomes MISCR1 register
(naming change)
■ 29h: new control/status register for the MCC
module
■ 2Bh: new control/status register for the Clock,
Reset and Supply control. This register replaces
the WDGSR register keeping the WDOGF flag
compatibility.
■ 40h: new MISCR2 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com