Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/US Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7MDT2-EPB2/US
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/US Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/US Datasheet HTML 18Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 19Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 20Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 21Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 22Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 23Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 24Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 25Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
22/150
DATA EEPROM (Cont’d)
6.6 REGISTER DESCRIPTION
CONTROL/STATUS REGISTER (CSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:3 = Reserved, forced by hardware to 0.
Bit 2 = IE Interrupt enable
This bit is set and cleared by software. It enables the
Data EEPROM interrupt capability when the PGM
bit is cleared by hardware. The interrupt request is
automatically cleared when the software enters the
interrupt routine.
0: Interrupt disabled
1: Interrupt enabled
Bit 1 = LAT Latch Access Transfer
This bit is set by software. It is cleared by hard-
ware at the end of the programming cycle. It can
only be cleared by software if PGM bit is cleared.
0: Read mode
1: Write mode
Bit 0 = PGM Programming control and status
This bit is set by software to begin the programming
cycle. At the end of the programming cycle, this bit
is cleared by hardware and an interrupt is generated
if the ITE bit is set.
0: Programming finished or not yet started
1: Programming cycle is in progress
Note: if the PGM bit is cleared during the program-
ming cycle, the memory data is not guaranteed
Table 3. Data EEPROM Register Map and Reset Values
6.7 READOUT PROTECTION OPTION
The Data EEPROM can be optionally readout pro-
tected in ST72334 ROM devices (see option list on
page 145
). ST72C334 Flash devices do not have
this protection option.
7
0
0
0
0
0
0
IE
LAT
PGM
Address
(Hex.)
Register
Label
7
6
5
4
3
2
1
0
002Ch
EECSR
Reset Value
0
0
0
0
0
IE
0
RWM
0
PGM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com