Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/US Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST7MDT2-EPB2/US
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/US Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/US Datasheet HTML 42Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 43Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 44Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 45Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 46Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 47Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 48Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 49Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
46/150
I/O PORTS (Cont’d)
Table 10. I/O Port Register Map and Reset Values
Notes:
1) The bits corresponding to unavailable pins are forced to 1 by hardware, this affects the reset status value.
Address
(Hex.)
Register
Label
7
6
5
4
3
2
1
0
Reset Value
of all IO port registers
0
0
0
0
0
0
0
0
0000h
PADR
MSB
LSB
0001h
PADDR
0002h
PAOR 1)
0004h
PCDR
MSB
LSB
0005h
PCDDR
0006h
PCOR
0008h
PBDR
MSB
LSB
0009h
PBDDR
000Ah
PBOR 1)
000Ch
PEDR
MSB
LSB
000Dh
PEDDR
000Eh
PEOR 1)
0010h
PDDR
MSB
LSB
0011h
PDDDR
0012h
PDOR 1)
0014h
PFDR
MSB
LSB
0015h
PFDDR
0016h
PFOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com