Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/US Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST7MDT2-EPB2/US
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/US Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/US Datasheet HTML 44Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 45Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 46Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 47Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 48Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 49Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 50Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 51Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
48/150
MISCELLANEOUS REGISTERS (Cont’d)
12.3 REGISTERS DESCRIPTION
MISCELLANEOUS REGISTER 1 (MISCR1)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:6 = IS1[1:0] ei2 and ei3 sensitivity
The interrupt sensitivity, defined using the IS1[1:0]
bits, is applied to the following external interrupts:
ei2 (port B3..0) and ei3 (port B7..4). These 2 bits
can be written only when the I bit of the CC register
is set to 1 (interrupt disabled).
Bit 5 = MCO Main clock out selection
This bit enables the MCO alternate function on the
I/O port. It is set and cleared by software.
0: MCO alternate function disabled
(I/O pin free for general-purpose I/O)
1: MCO alternate function enabled
(fOSC/2 on I/O port)
Note: To reduce power consumption, the MCO
function is not active in Active Halt mode.
Bit 4:3 = IS2[1:0] ei0 and ei1 sensitivity
The interrupt sensitivity, defined using the IS2[1:0]
bits, is applied to the following external interrupts:-
ei0 (port A3..0) and ei1 (port F2..0). These 2 bits
can be written only when the I bit of the CC register
is set to 1 (interrupt disabled).
Bit 2:1 = CP[1:0] CPU clock prescaler
These bits select the CPU clock prescaler which is
applied in the different slow modes. Their action is
conditioned by the setting of the SMS bit. These 2
bits are set and cleared by software.
Bit 0 = SMS Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC / 2
1: Slow mode. fCPU is given by CP1, CP0
See low power consumption mode and MCC
chapters for more details.
7
0
IS11
IS10
MCO
IS21
IS20
CP1
CP0
SMS
External Interrupt Sensitivity
IS11 IS10
Falling edge and low level
0
0
Rising edge only
0
1
Falling edge only
1
0
Rising and falling edge
1
1
fCPU in Slow mode
CP1 CP0
fOSC / 4
0
0
fOSC / 8
1
0
fOSC / 16
0
1
fOSC / 32
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com