Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/US Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST7MDT2-EPB2/US
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/US Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/US Datasheet HTML 107Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 108Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 109Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 110Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 111Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 112Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 113Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 114Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
111/150
15.3 OPERATING CONDITIONS
15.3.1 General Operating Conditions
Figure 54. fOSC Maximum Operating Frequency Versus VDD Supply Voltage for ROM devices
2)
Figure 55. fOSC Maximum Operating Frequency Versus VDD Supply Voltage for Flash devices
2)
Notes:
1. Guaranteed by construction. A/D operation and resonator oscillator start-up are not guaranteed below 1MHz.
2. Operating conditions with TA=-40 to +125°C.
3. Flash programming tested in production at maximum TA with two different conditions: VDD=5.5V, fCPU=6MHz and
VDD=3.2V, fCPU=4MHz.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
see Figure 54 and Figure 55
3.2
5.5
V
fOSC
External clock frequency
VDD≥3.5V for ROM devices
VDD≥4.5V for Flash devices
0 1)
16
MHz
VDD≥3.2V
0 1)
8
TA
Ambient temperature range
Suffix A version
-40
+85
°C
Suffix B version
+105
Suffix C version
+125
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.5
3.2
3.5
4
4.5
5
5.5
FUNCTIONALITY
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
WITH RESONATOR 1)
3.85
NOT GUARANTEED
IN THIS AREA AT TA > 85°C
FUNCTIONALITY
12
NOT GUARANTEED
IN THIS AREA AT TA > 85°C
fOSC [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.5
3.2
3.5
4
4.5
5
5.5
FUNCTIONALITY
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA 3)
NOT GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
WITH RESONATOR 1)
3.85
12
FUNCTIONALITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com