Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT2-EPB2/US Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST7MDT2-EPB2/US
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT2-EPB2/US Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST7MDT2-EPB2/US Datasheet HTML 139Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 140Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 141Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 142Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 143Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 144Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 145Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 146Page - STMicroelectronics ST7MDT2-EPB2/US Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 150 page
background image
ST72334xx-Auto, ST72314xx-Auto, ST72124Jx-Auto
143/150
17 DEVICE CONFIGURATION AND ORDERING INFORMATION
17.1 INTRODUCTION
Each device is available for production in user pro-
grammable versions (Flash) as well as in factory
coded versions (ROM). EEPROM data memory
and Flash devices are shipped to customers with a
default content (FFh), while ROM factory coded
parts contain the code supplied by the customer.
This implies that Flash devices have to be config-
ured by the customer using the Option Bytes while
the ROM devices are factory-configured.
17.2 OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes have no address in the memory
map and can be accessed only in programming
mode (for example using a standard ST7 program-
ming tool). The default content of the Flash is fixed
to FFh.
In masked ROM devices, the option bytes are
fixed in hardware by the ROM code (see option
list).
17.2.1 User Option Byte 0
Bit 7:2 = Reserved, must always be 1.
Bit 1 = 64/44 Package Configuration.
This option bit allows to configured the device ac-
cording to the package.
0: 44-pin packages
1: 64-pin packages
Bit 0 = FMP Full memory protection.
This option bit enables or disables external access
to the internal program memory (readout protec-
tion). Clearing this bit causes the erasing (by over-
writing with the currently latched values) of the
whole memory (not including the option bytes).
0: Program memory not readout protected
1: Program memory readout protected
Note: The data EEPROM is not protected by this
bit in Flash devices. In ROM devices, a protection
can be selected in the Option List (see page 145).
17.2.2 User Option Byte 1
Bit 7 = CSS Clock Security System disable
This option bit enables or disables the CSS fea-
tures.
0: CSS enabled
1: CSS disabled
Bit 6:4 = OSC[2:0] Oscillator selection
These three option bits can be used to select the
main oscillator as shown in Table 25.
Bit 3:2 = LVD[1:0] Low voltage detection selection
These option bits enable the LVD block with a se-
lected threshold as shown in Table 26.
Bit 1 = WDG HALT Watchdog Reset on Halt mode
This option bit determines if a RESET is generated
when entering Halt mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
Bit 0 = WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
Table 25. Main Oscillator Configuration
Table 26. LVD Threshold Configuration
Selected Oscillator
OSC2 OSC1 OSC0
External Clock (Stand-by)
1
1
1
~4 MHz Internal RC
1
1
0
1~14 MHz External RC
1
0
X
Low Power Resonator (LP)
0
1
1
Medium Power Resonator (MP)
0
1
0
Medium Speed Resonator (MS)
0
0
1
High Speed Resonator (HS)
0
0
0
Configuration
LVD1 LVD0
LVD Off
1
1
Highest Voltage Threshold (
∼4.50V)
1
0
Medium Voltage Threshold (
∼4.05V)
0
1
Lowest Voltage Threshold (
∼3.45V)
0
0
USER OPTION BYTE 0
7
0
USER OPTION BYTE 1
7
0
Reserved
64/44 FMP
CSS
OSC
2
OSC
1
OSC
0
LVD1 LVD0
WDG
HALT
WDG
SW
Default
Value
1
1
1
1
1
1
X
0
1
1
1
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com