Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF16821 Datasheet(PDF) 1 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 1 Page - EPCOS

  BUF16821 Datasheet HTML 1Page - EPCOS BUF16821 Datasheet HTML 2Page - EPCOS BUF16821 Datasheet HTML 3Page - EPCOS BUF16821 Datasheet HTML 4Page - EPCOS BUF16821 Datasheet HTML 5Page - EPCOS BUF16821 Datasheet HTML 6Page - EPCOS BUF16821 Datasheet HTML 7Page - EPCOS BUF16821 Datasheet HTML 8Page - EPCOS BUF16821 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BUF16821
1
FEATURES
DESCRIPTION
APPLICATIONS
Analog
(9Vto20V)
Digital
(2.0Vto5.5V)
BKSEL
A0
SCL
SDA
V
COM2
V
COM1
ControlIF
OUT15
OUT16
BUF16821
OUT1
OUT2
1
BUF16821
www.ti.com ...................................................................................................................................................................................................... SBOS428 – JULY 2008
Programmable Gamma-Voltage Generator and
VCOM Calibrator with Integrated Two-Bank Memory
234
• 10-BIT RESOLUTION
The BUF16821 offers 16 programmable gamma
channels and two programmable VCOM channels.
• 16-CHANNEL P-GAMMA
• 2-CHANNEL P-V
COM
The final gamma and VCOM values can be stored in
the
on-chip,
nonvolatile
memory.
To
allow
for
• 16x REWRITABLE NONVOLATILE MEMORY
programming errors or liquid crystal display (LCD)
• TWO INDEPENDENT PIN-SELECTABLE
panel rework, the BUF16821 supports up to 16 write
MEMORY BANKS
operations to the on-chip memory.
• RAIL-TO-RAIL OUTPUT
The BUF16821 has two separate memory banks,
–
300mV Min Swing-to-Rail (10mA)
allowing simultaneous storage of two different gamma
–
> 300mA Max IOUT
curves to facilitate switching between gamma curves.
• LOW SUPPLY CURRENT
All gamma and VCOM channels offer a rail-to-rail
• SUPPLY VOLTAGE: 9V to 20V
output that typically swings to within 150mV of either
supply rail with a 10mA load. All channels are
• DIGITAL SUPPLY: 2V to 5.5V
programmed using an I2C interface that supports
• I2C™ INTERFACE: Supports 400kHz and
standard operations up to 400kHz and high-speed
3.4MHz
data transfers up to 3.4MHz.
The
BUF16821
is
manufactured
using
Texas
Instruments’ proprietary, state-of-the-art, high-voltage
• TFT-LCD REFERENCE DRIVERS
CMOS process. This process offers very dense logic
and high supply voltage operation of up to 20V. The
BUF16821 is offered in a HTSSOP-28 PowerPAD™
package, and is specified from –40°C to +85°C.
RELATED PRODUCTS
FEATURES
PRODUCT
22-Channel Gamma Correction Buffer
BUF22821
12-Channel Gamma Correction Buffer
BUF12800
18-/20-Channel Programmable Buffer, 10-Bit, VCOM
BUF20800
18-/20-Channel Programmable Buffer with Memory
BUF20820
Programmable VCOM Driver
BUF01900
18V Supply, Traditional Gamma Buffers
BUF11704
22V Supply, Traditional Gamma Buffers
BUF11705
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BUF16821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI1-BUF16821 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF16821 TI1-BUF16821 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF16821 TI1-BUF16821 Datasheet
1Mb / 38P
Programmable Gamma-Voltage Generator
More results

Similar Description - BUF16821

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com