Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF16821 Datasheet(PDF) 2 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 2 Page - EPCOS

  BUF16821 Datasheet HTML 1Page - EPCOS BUF16821 Datasheet HTML 2Page - EPCOS BUF16821 Datasheet HTML 3Page - EPCOS BUF16821 Datasheet HTML 4Page - EPCOS BUF16821 Datasheet HTML 5Page - EPCOS BUF16821 Datasheet HTML 6Page - EPCOS BUF16821 Datasheet HTML 7Page - EPCOS BUF16821 Datasheet HTML 8Page - EPCOS BUF16821 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
BUF16821
SBOS428 – JULY 2008 ...................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE
PACKAGE DESIGNATOR
PACKAGE MARKING
BUF16821
HTSSOP-28
PWP
BUF16821
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
BUF16821
UNIT
Supply Voltage
VS
+22
V
Supply Voltage
VSD
+6
V
Digital Input Pins, SCL, SDA, AO, BKSEL: Voltage
–0.5 to +6
V
Digital Input Pins, SCL, SDA, AO, BKSEL: Current
±10
mA
Output Pins, OUT1 through OUT16, VCOM1 and VCOM2
(2)
(V–) – 0.5 to (V+) + 0.5
V
Output Short-Circuit(3)
Continuous
Ambient Operating Temperature
–40 to +95
°C
Ambient Storage Temperature
–65 to +150
°C
Junction Temperature
TJ
+125
°C
Human Body Model
(HBM)
3000
V
ESD Rating
Charged Device Model
(CDM)
1000
V
Machine Model
(MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
See the Output Protection section.
(3)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com