Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF16821 Datasheet(PDF) 13 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 13 Page - EPCOS

Back Button BUF16821 Datasheet HTML 9Page - EPCOS BUF16821 Datasheet HTML 10Page - EPCOS BUF16821 Datasheet HTML 11Page - EPCOS BUF16821 Datasheet HTML 12Page - EPCOS BUF16821 Datasheet HTML 13Page - EPCOS BUF16821 Datasheet HTML 14Page - EPCOS BUF16821 Datasheet HTML 15Page - EPCOS BUF16821 Datasheet HTML 16Page - EPCOS BUF16821 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Reading: DAC/VCOM/OTHER Register (Volatile
BUF16821
www.ti.com ...................................................................................................................................................................................................... SBOS428 – JULY 2008
The BUF16821 acknowledges each data byte. If the
single DAC register procedure.
master terminates communication early by sending a
5. Send a STOP or START condition on the bus.
STOP or START condition on the bus, the specified
The
BUF16821
acknowledges
each
byte.
To
register is not updated. Updating the DAC/VCOM
terminate communication, send a STOP or START
register is not the same as updating the DAC/VCOM
condition on the bus. Only DAC registers that have
output voltage; see the Updating the DAC Outputs
received both bytes of data are updated.
section.
The process of updating multiple DAC/VCOM registers
begins the same as when updating a single register.
Memory)
However, instead of sending a STOP condition after
Reading a register returns the data stored in that
writing the addressed register, the master continues
DAC/VCOM/OTHER register.
to send data for the next register. The BUF16821
automatically
and
sequentially
steps
through
To read a single DAC/VCOM/OTHER register:
subsequent registers as additional data are sent. The
1. Send a START condition on the bus.
process continues until all desired registers have
2. Send the device address and read/write bit =
been updated or a STOP or START condition is sent.
LOW. The BUF16821 acknowledges this byte.
To write to multiple DAC/VCOM registers:
3. Send the DAC/VCOM/OTHER pointer address
1. Send a START condition on the bus.
byte. Set bit D7 = 0 and D6 = 0; bits D5–D0 are
2. Send the device address and read/write bit =
the
DAC/VCOM/OTHER address. NOTE: The
LOW. The BUF16821 acknowledges this byte.
BUF16821 stores and returns data only from
these addresses:
3. Send either the OUT1 pointer address byte to
start at the first DAC, or send the pointer address
–
000000 through 001111
byte for whichever DAC/VCOM is the first in the
–
010010
sequence of DACs/VCOMs to be updated. The
–
010011
BUF16821 begins with this DAC/VCOM and steps
–
111100 through 111111
through subsequent DACs/VCOMs in sequential
It returns 0000 for reads from 010000 and
order.
010001,
and
010100
through
010111.
See
4. Send the bytes of data; begin by sending the
Table 4 for valid DAC/VCOM/OTHER addresses.
most significant byte (bits D15–D8, of which only
4. Send a START or STOP/START condition.
bits D9 and D8 have meaning, and bits D15–D14
5. Send the correct device address and read/write
must not be 01), followed by the least significant
bit = HIGH. The BUF16821 acknowledges this
byte (bits D7–D0). The first two bytes are for the
byte.
DAC/VCOM addressed in the previous step. The
DAC/VCOM register is automatically updated after
6. Receive two bytes of data. They are for the
receiving the second byte. The next two bytes are
specified register. The most significant byte (bits
for the following DAC/VCOM. That DAC/VCOM
D15–D8) is received first; next is the least
register is updated after receiving the fourth byte.
significant byte (bits D7–D0). In the case of
This process continues until the registers of all
DAC/VCOM channels, bits D15–D10 have no
following DACs/VCOMs have been updated. The
meaning.
BUF16821 continues to accept data for a total of
7. Acknowledge after receiving the first byte.
18 DACs; however, the two data sets following
8. Send a STOP or START condition on the bus or
the 16th data set are meaningless. The 19th and
do not acknowledge the second byte to end the
20th data sets apply to VCOM1 and VCOM2. The
read transaction.
write disable bit cannot be accessed using this
method. It must be written to using the write to a
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com