Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF16821 Datasheet(PDF) 21 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 21 Page - EPCOS

Back Button BUF16821 Datasheet HTML 17Page - EPCOS BUF16821 Datasheet HTML 18Page - EPCOS BUF16821 Datasheet HTML 19Page - EPCOS BUF16821 Datasheet HTML 20Page - EPCOS BUF16821 Datasheet HTML 21Page - EPCOS BUF16821 Datasheet HTML 22Page - EPCOS BUF16821 Datasheet HTML 23Page - EPCOS BUF16821 Datasheet HTML 24Page - EPCOS BUF16821 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
GENERAL POWERPAD DESIGN
BUF16821
www.ti.com ...................................................................................................................................................................................................... SBOS428 – JULY 2008
example thermal land pattern mechanical drawing
CONSIDERATIONS
is attached to the end of this data sheet.
3. Additional vias may be placed anywhere along
The BUF16821 is available in a thermally-enhanced
the thermal plane outside of the thermal pad area
PowerPAD package. This package is constructed
to help dissipate the heat generated by the
using a downset leadframe upon which the die is
BUF16821 IC. These additional vias may be
mounted; see Figure 19(a) and Figure 19(b). This
larger than the 13-mil diameter vias directly under
arrangement results in the lead frame being exposed
the thermal pad. They can be larger because
as a thermal pad on the underside of the package;
they are not in the thermal pad area to be
see Figure 19(c). This thermal pad has direct thermal
soldered; thus, wicking is not a problem.
contact
with
the
die;
thus,
excellent
thermal
performance is achieved by providing a good thermal
4. Connect all holes to the internal plane that is at
path away from the thermal pad.
the same voltage potential as the GND pins.
5. When connecting these holes to the internal
The PowerPAD package allows for both assembly
plane, do not use the typical web or spoke via
and thermal management in one manufacturing
connection methodology. Web connections have
operation. During the surface-mount solder operation
a high thermal resistance connection that is
(when the leads are being soldered), the thermal pad
useful for slowing the heat transfer during
must be soldered to a copper area underneath the
soldering operations. This configuration makes
package. Through the use of thermal paths within this
the soldering of vias that have plane connections
copper area, heat can be conducted away from the
easier. In this application, however, low thermal
package
into
either
a
ground
plane
or
other
resistance is desired for the most efficient heat
heat-dissipating device. Soldering the PowerPAD to
transfer.
Therefore,
the
holes
under
the
the printed circuit board (PCB) is always required,
BUF16821 PowerPAD package should make
even
with
applications
that
have
low
power
their connection to the internal plane with a
dissipation. This technique provides the necessary
complete
connection
around
the
entire
thermal and mechanical connection between the lead
circumference of the plated-through hole.
frame die pad and the PCB.
6. The top-side solder mask should leave the
The PowerPAD must be connected to the most
terminals of the package and the thermal pad
negative supply voltage on the device, GNDA and
area
with
its
twelve
holes
exposed.
The
GNDD.
bottom-side solder mask should cover the holes
1. Prepare the PCB with a top-side etch pattern.
of the thermal pad area. This masking prevents
There should be etching for the leads as well as
solder from being pulled away from the thermal
etch for the thermal pad.
pad area during the reflow process.
2. Place recommended holes in the area of the
7. Apply solder paste to the exposed thermal pad
thermal pad. Ideal thermal land size and thermal
area and all of the IC terminals.
via patterns for the HTSSOP-28 PWP package
8. With these preparatory steps in place, simply
can be seen in the technical brief, PowerPAD
place the BUF16821 IC in position and run the
Thermally-Enhanced
Package
(SLMA002),
chip through the solder reflow operation as any
available for download at www.ti.com. These
standard
surface-mount
component.
This
holes should be 13 mils (0,33mm) in diameter.
preparation results in a properly installed part.
Keep them small, so that solder wicking through
the holes is not a problem during reflow. An
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com