Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW8009_07 Datasheet HTML 19Page - STMicroelectronics STW8009_07 Datasheet HTML 20Page - STMicroelectronics STW8009_07 Datasheet HTML 21Page - STMicroelectronics STW8009_07 Datasheet HTML 22Page - STMicroelectronics STW8009_07 Datasheet HTML 23Page - STMicroelectronics STW8009_07 Datasheet HTML 24Page - STMicroelectronics STW8009_07 Datasheet HTML 25Page - STMicroelectronics STW8009_07 Datasheet HTML 26Page - STMicroelectronics STW8009_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Functional description
STw8009/STw8019
22/65
Transition between Standby and Active modes
Transitions between these two modes are applied by software configuration through I2C
interface.
Supply management
At power up, supplies must be applied according to the following sequence:
VddIO1, VddIO2 (1.8V/2.8V) then,
Vdd (1.2V/1.4V) then,
VccA1, VccA2, VccA3, VccA4 (2.8V/3.3V)
and removed according to the following sequence:
VccA1, VccA2, VccA3, VccA4 (2.8V/3.3V) then,
Vdd (1.2V/1.4V) then,
VddIO1, VddIO2 (1.8V/2.8V)
4.14
JTAG interface
To ease the integration of STw80x9 in its system application, a JTAG interface is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com