Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STW8009_07 Datasheet HTML 43Page - STMicroelectronics STW8009_07 Datasheet HTML 44Page - STMicroelectronics STW8009_07 Datasheet HTML 45Page - STMicroelectronics STW8009_07 Datasheet HTML 46Page - STMicroelectronics STW8009_07 Datasheet HTML 47Page - STMicroelectronics STW8009_07 Datasheet HTML 48Page - STMicroelectronics STW8009_07 Datasheet HTML 49Page - STMicroelectronics STW8009_07 Datasheet HTML 50Page - STMicroelectronics STW8009_07 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Control registers
STw8009/STw8019
46/65
poff2: DAC1 power off, then turn off DAC1 is in a low power consumption mode.
0 = disabled (DAC1 active)
(*)1 = turned off
Note:
As Default value is “1”, Digital processor must write “0” when going from sleep or standby to
active mode.
notzerod2 : null digital data input on DAC1
0 = independently of that is coming from the digital part, “0000000000” is forced on
DAC1 input.
(*)1 = disabled, values issued from DENC are transmitted to DAC1.
pedestalOnd2: Black level video pedestal active on DAC1
(*) 0 = disabled
1 = video pedestal active
LoadD: Reports Plugdet Ball status. Unless otherwise specified all voltages are referenced
to GND.
0 = Plugdet ball voltage less than VIL
1 = Plugdet ball voltage higher than VIH
REGISTER 131
DAC2 control
Address:
0x0083
Type: R/W
content
poff2
notzerod2
pedestal
Ond2
default
00
00
0
1
1
0
REGISTER 132
Plugdet
Address:
0x0084
Type: R
content
LoadD
default
----
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com