Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW8009_07 Datasheet HTML 29Page - STMicroelectronics STW8009_07 Datasheet HTML 30Page - STMicroelectronics STW8009_07 Datasheet HTML 31Page - STMicroelectronics STW8009_07 Datasheet HTML 32Page - STMicroelectronics STW8009_07 Datasheet HTML 33Page - STMicroelectronics STW8009_07 Datasheet HTML 34Page - STMicroelectronics STW8009_07 Datasheet HTML 35Page - STMicroelectronics STW8009_07 Datasheet HTML 36Page - STMicroelectronics STW8009_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Control registers
STw8009/STw8019
32/65
Note:
Bits ‘ph_rst_mode(1:0)’ are automatically set back to ‘00’ following the oscillator reset in
modes ‘01’ and ‘10’.
val_422_mux: should be programmed to “1” only after each reset.
blk_all: blanking of all video lines
(*) 0 = disabled
1 = enabled
(all inputs are ignored - 80hex instead of Cr and Cb and 10hex instead of Y and Y4)
(*) = DEFAULT mode when not_reset pin is active (LOW level)
hok: Hamming decoding of frame sync flag embedded within ITU-R656 / D1 compliant
YCrCb streams
0 = Consecutive errors
(*) 1 = A single or no error
Note:
Signal quality detector is issued from Hamming decoding of EAV, SAV from YcrCb
atfr: Frame synchronization flag
(*) 0 = encoder not synchronized
1 = in slave mode: encoder synchronized
REGISTER 8
configuration8
Address: 0x0008
Type: R/W
content
ph_rst_
mode1
ph_rst_
mode0
xxx
val_422_
mux
blk_all
xxx
xxx
xxx
default
00
1000
00
Table 12.
ph_rst_mode[1:0]:sub-carrier phase reset
ph_rst_mode
1
ph_rst_mode
0
update mode
(*)
0
0
disabled
01
enabled - phase is updated with value from phase buffer
register (see Reg2 bit rstosc_buf) at the beginning of the next
video line. In the mean time, the increment is updated with
hard or soft values depending on selreg_inc value (see
Register 5)
10
enabled - phase is updated with values from Registers 10 and
11, based on the next increment update from cfc (depending
on cfc loading moment and Register6 cfc(1:0) bits.
11
enabled - phase is reset following the detection of rst bit on cfc
line, up to 9 pix_clk after loading of cfc’s LSB.
REGISTER 9
Address: 0x0009
Type: Read only
content
hok
atfr
fieldct2
fieldct1
fieldct0
jump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com