Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8009 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW8009
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW8009_07 Datasheet HTML 34Page - STMicroelectronics STW8009_07 Datasheet HTML 35Page - STMicroelectronics STW8009_07 Datasheet HTML 36Page - STMicroelectronics STW8009_07 Datasheet HTML 37Page - STMicroelectronics STW8009_07 Datasheet HTML 38Page - STMicroelectronics STW8009_07 Datasheet HTML 39Page - STMicroelectronics STW8009_07 Datasheet HTML 40Page - STMicroelectronics STW8009_07 Datasheet HTML 41Page - STMicroelectronics STW8009_07 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
STw8009/STw8019
Control registers
37/65
Adjustment of the relative difference between high and low intensity luminance values of the
displayed image is made according to the following formula:
Yin is the 8-bit input luminance,
Yout is the result of ‘Contrast’ operation (still on 8 bits)
This value is saturated at 235 (16) or 254 (1) according to register6 bit ‘maxdyn’,
c: contrast (2’s complement value from -128 to 127, default 0)
To adjust the color intensity of the displayed video image, the following formula is used:
Crin, Cbin 8-bit input chroma,
Crout, Cbout the result of ‘Saturation’ operation (still on 8 bits)
This value is saturated at 240 (16) or 254 (1) according to bit ‘maxdyn’ (Reg 6),
s: saturation value (unsigned value with centre at 128, default 128)
REGISTER 70
Contrast
Address:
0x0046
Type: R/W
content
c7
c6
c5
c4
c3
c2
c1
c0
default
00
0000
00
REGISTER 71
Saturation
Address:
0x0047
Type: R/W
content
s7
s6
s5
s4
s3
s2
s1
s0
default
10
0000
00
Yo ut
Yi n 128
–
() c 128
+
()
128
-------------------------------------------------
128
+
=
Cbout
sCbin
128
–
()
128
-----------------------------------
128
+
=
Cro ut
sCrin
128
–
()
128
----------------------------------
128
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com