Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761BARS-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7761BARS-RL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761BARS-RL Datasheet(HTML) 4 Page - Analog Devices

  ADE7761BARS-RL Datasheet HTML 1Page - Analog Devices ADE7761BARS-RL Datasheet HTML 2Page - Analog Devices ADE7761BARS-RL Datasheet HTML 3Page - Analog Devices ADE7761BARS-RL Datasheet HTML 4Page - Analog Devices ADE7761BARS-RL Datasheet HTML 5Page - Analog Devices ADE7761BARS-RL Datasheet HTML 6Page - Analog Devices ADE7761BARS-RL Datasheet HTML 7Page - Analog Devices ADE7761BARS-RL Datasheet HTML 8Page - Analog Devices ADE7761BARS-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADE7761B
Rev. 0 | Page 4 of 24
Parameter
Value
Unit
Test Conditions/Comments
LOGIC INPUTS5
PGA, SCF, S1, and S0
Input High Voltage, VINH
2.4
V, min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
V, max
VDD = 5 V ± 5%
Input Current, IIN
±3
μA, max
Typical 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF, max
LOGIC OUTPUTS5
CF, REVP, and FAULT
Output High Voltage, VOH
4
V, min
VDD = 5 V ± 5%
Output Low Voltage, VOH
1
V, max
VDD = 5 V ± 5%
F1 and F2
Output High Voltage, VOH
4
V, min
VDD = 5 V ± 5%, ISOURCE = 10 mA
Output Low Voltage, VOH
1
V, max
VDD = 5 V ± 5%, ISINK = 10 mA
POWER SUPPLY
For specified performance
VDD
4.75
V, min
5 V − 5%
5.25
V, max
5 V + 5%
IDD
3.65
mA, max
1 See plots in the Typical Performance Characteristics section.
2 See the Terminology section for explanation of specifications.
3 See the Fault Detection section for explanation of fault detection functionality.
4 See the Missing Neutral Detection section for explanation of missing neutral detection functionality.
5 Sample tested during initial release and after any redesign or process change that might affect this parameter.
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, on-chip oscillator, TMIN to TMAX = −40°C to +85°C. Sample tested during
initial release and after any redesign or process change that might affect this parameter. See Figure 2.
Table 2.
Parameter
Value
Unit
Test Conditions/Comments
t11
120
ms
F1 and F2 pulse width (logic high)
t2
See Table 8
sec
Output pulse period (see the Transfer Function section)
t3
1/2 t2
sec
Time between F1 falling edge and F2 falling edge
t41
90
ms
CF pulse width (logic high)
t5
See Table 8
sec
CF pulse period (see the Transfer Function section)
t6
CLKIN/4
sec
Minimum time between F1 pulse and F2 pulse
1 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies. See the Transfer Function section.
Timing Diagram
t1
t6
t3
t4
t2
t5
F1
F2
CF
Figure 2. Timing Diagram for Frequency Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com