Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761BARS-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7761BARS-RL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761BARS-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7761BARS-RL Datasheet HTML 7Page - Analog Devices ADE7761BARS-RL Datasheet HTML 8Page - Analog Devices ADE7761BARS-RL Datasheet HTML 9Page - Analog Devices ADE7761BARS-RL Datasheet HTML 10Page - Analog Devices ADE7761BARS-RL Datasheet HTML 11Page - Analog Devices ADE7761BARS-RL Datasheet HTML 12Page - Analog Devices ADE7761BARS-RL Datasheet HTML 13Page - Analog Devices ADE7761BARS-RL Datasheet HTML 14Page - Analog Devices ADE7761BARS-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADE7761B
Rev. 0 | Page 11 of 24
THEORY OF OPERATION
POWER SUPPLY MONITOR
The ADE7761B continuously monitors the power supply (VDD)
with its on-chip power supply monitor. If the supply is less than
4 V ± 5%, the ADE7761B goes into an inactive state; that is, no
energy is accumulated, and the CF, F1, and F2 outputs are disabled.
This is useful to ensure correct device operation at power-up
and during power-down. The power supply monitor has built-in
hysteresis and filtering that provide a high degree of immunity
to false triggering due to noisy supplies.
The power supply and decoupling for the part should be such
that the ripple at VDD does not exceed 5 V ± 5%, as specified for
normal operation.
ADE7761B
REVP - FAULT - CF -
F1 - F2 OUTPUTS
INACTIVE
ACTIVE
TIME
INACTIVE
VDD
5V
4V
0V
Figure 11. On-Chip, Power Supply Monitoring
ANALOG INPUTS
Channel V1 (Current Channel)
The voltage outputs from the current transducers are connected
to the ADE7761B at Channel V1. It has two voltage inputs, V1A
and V1B. These inputs are fully differential with respect to V1N.
However, at any one time, only one input is selected to perform
the power calculation (see the Fault Detection section).
The maximum peak differential signal on V1A − V1N and V1B − V1N
is ±660 mV. However, Channel V1 has a programmable gain
amplifier (PGA) with user-selectable gains of 1 and 16 (see
Table 5). This gain facilitates easy transducer interfacing.
Table 5. Channel V1 Dynamic Range
PGA
Gain
Maximum Differential Signal (mV)
0
1
660
1
16
41
Figure 12 shows the maximum signal levels on V1A, V1B, and
V1N. The maximum differential voltage is ±660 mV divided by
the gain selection. The differential voltage signal on the inputs
must be referenced to a common mode (usually AGND).
VCM
DIFFERENTIAL INPUT B
±660mV MAX PEAK
V1B
V1N
V1A
V1
V1
VCM
COMMON MODE
±100mV MAX
DIFFERENTIAL INPUT A
±660mV MAX PEAK
AGND
V1A, V1B
+660mV
GAIN
–660mV
GAIN
+ VCM
+ VCM
Figure 12. Maximum Signal Levels, Channel V1
Channel V2 (Voltage Channel)
The output of the line voltage transducer is connected to the
ADE7761B at this analog input. Channel V2 is a single-ended
voltage input. The maximum peak differential signal on
Channel V2 is ±660 mV with respect to V2N. Figure 13 shows the
maximum signal levels that can be connected to Channel V2.
VCM
+660mV + VCM
–660mV + VCM
COMMON MODE
±100mV MAX
V2N
V2P
VCM
V2
DIFFERENTIAL INPUT
±660mV MAX PEAK
V2
Figure 13. Maximum Signal Levels, Channel V2
The differential voltage V2P − V2N must be referenced to a
common mode (usually AGND). The analog inputs of the
ADE7761B can be driven with common-mode voltages of up
to 100 mV with respect to AGND. However, the best results
are achieved using a common mode equal to AGND.
MISCAL Input
The input for the power calibration in missing neutral mode
is connected to the ADE7761B at this analog input. MISCAL
is a single-ended, voltage input. It is recommended to use a dc
signal derived from the voltage reference to drive this pin. The
maximum peak differential signal on MISCAL is 660 mV with
respect to V2N. Figure 14 shows the maximum signal levels that
can be connected to the MISCAL pin.
VCM
+660mV + VCM
COMMON MODE
±100mV MAX
V2N
MISCAL
VCM
MISCAL
DIFFERENTIAL INPUT
±660mV MAX PEAK
MISCAL
AGND
Figure 14. Maximum Signal Levels, MISCAL
The differential voltage, MISCAL − V2N, must be referenced
to a common mode (usually AGND). The analog inputs of the
ADE7761B can be driven with common-mode voltages of up to
100 mV with respect to AGND. However, best results are achieved
using a common mode equal to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com