Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761BARS-RL Datasheet(PDF) 17 Page - Analog Devices

Part # ADE7761BARS-RL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761BARS-RL Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE7761BARS-RL Datasheet HTML 13Page - Analog Devices ADE7761BARS-RL Datasheet HTML 14Page - Analog Devices ADE7761BARS-RL Datasheet HTML 15Page - Analog Devices ADE7761BARS-RL Datasheet HTML 16Page - Analog Devices ADE7761BARS-RL Datasheet HTML 17Page - Analog Devices ADE7761BARS-RL Datasheet HTML 18Page - Analog Devices ADE7761BARS-RL Datasheet HTML 19Page - Analog Devices ADE7761BARS-RL Datasheet HTML 20Page - Analog Devices ADE7761BARS-RL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADE7761B
Rev. 0 | Page 17 of 24
Table 6. f1–4 Frequency Selection
S1
S0
f1–4 (Hz)1
f1−4 = OSC/2n2
0
0
1.72
OSC/218
0
1
3.44
OSC/217
1
0
6.86
OSC/216
1
1
13.7
OSC/215
1 Values are generated using the nominal frequency of 450 kHz.
2 f1–4 are a binary fraction of the master clock and, therefore, vary with the
internal oscillator frequency (OSC).
Frequency Output CF
The pulse output calibration frequency (CF) is intended for use
during calibration. The output pulse rate on CF can be up to
2048 times the pulse rate on F1 and F2. The lower the f1–4
frequency selected, the higher the CF scaling. Table 7 shows
how the two frequencies are related, depending on the states of
Logic Input S0, Logic Input S1, and Logic Input SCF. Because of
its relatively high pulse rate, the frequency at this logic output is
proportional to the instantaneous active power. As with F1 and
F2, the frequency is derived from the output of the low-pass filter
after multiplication. However, because the output frequency is high,
this active power information is accumulated over a much shorter
time. Therefore, less averaging is carried out in the digital-to-
frequency conversion. With much less averaging of the active
power signal, the CF output is much more responsive to power
fluctuations (see Figure 22).
Table 7. Relationship Between CF and F1, F2 Frequency
Outputs
SCF
S1
S0
f1–4 (Hz)
CF Frequency Output
1
0
0
1.72
128 × F1, F2
0
0
0
1.72
64 × F1, F2
1
0
1
3.44
64 × F1, F2
0
0
1
3.44
32 × F1, F2
1
1
0
6.86
32 × F1, F2
0
1
0
6.86
16 × F1, F2
1
1
1
13.7
16 × F1, F2
0
1
1
13.7
2048 × F1, F2
Example
In this example, if ac voltages of ±660 mV peak are applied to
Channel V1 and Channel V2, the expected output frequency on
CF, F1, and F2 is calculated as
Gain
= 1, PGA = 0
f1–4
= 1.7 Hz, SCF = S1 = S0 = 0
V1rms
= rms of 660 mV peak ac = 0.66/√2 V
V2rms
= rms of 660 mV peak ac = 0.66/√2 V
VREF
= 2.5 V (nominal reference value)
Note that if the on-chip reference is used, actual output
frequencies may vary from device to device due to a reference
tolerance of ±8%.
Hz
367
.
0
5
.
2
2
2
Hz
72
.
1
66
.
0
66
.
0
13
.
6
,
2
2
1
=
×
×
×
×
×
=
Frequency
F
F
CF Frequency
= F1, F2 × 64 = 23.5 Hz
As can be seen from these two example calculations, the maximum
output frequency for ac inputs is always half of that for dc input
signals. Table 8 shows a complete listing of all maximum output
frequencies for ac signals.
Table 8. Maximum Output Frequencies on CF, F1, and F2 for
AC Inputs
SCF
S1
S0
F1, F2 Maximum
Frequency (Hz),
1/t2
CF Maximum
Frequency (Hz),
1/t5
CF-to-F1
Ratio
1
0
0
0.37
46.98
128
0
0
0
0.37
23.49
64
1
0
1
0.73
46.98
64
0
0
1
0.73
23.49
32
1
1
0
1.47
46.98
32
0
1
0
1.47
23.49
16
1
1
1
2.94
46.98
16
0
1
1
2.94
6013
2048
FAULT DETECTION
The ADE7761B incorporates a novel fault detection scheme
that warns of fault conditions and allows the ADE7761B to
continue accurate billing during a fault event. The ADE7761B
does this by continuously monitoring both the phase and neutral
(return) currents. A fault is indicated when these currents differ
by more than 6.25%. However, even during a fault, the output
pulse rate on F1 and F2 is generated using the larger of the two
currents. Because the ADE7761B looks for a difference between
the voltage signals on V1A and V1B, it is important that both
current transducers be closely matched.
On power-up, the output pulse rate of the ADE7761B is propor-
tional to the product of the voltage signals on V1A and Channel V2.
If the difference between V1A and V1B on power-up is greater than
6.25%, the fault indicator (FAULT) becomes active after about
1 second. In addition, if V1B is greater than V1A, the ADE7761B
selects V1B as the input. Fault detection is automatically disabled
when the voltage signal on Channel V1 is less than 0.3% of the
full-scale input range. This eliminates false detection of a fault
due to noise at light loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com