Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761BARS-RL Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7761BARS-RL
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761BARS-RL Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7761BARS-RL Datasheet HTML 8Page - Analog Devices ADE7761BARS-RL Datasheet HTML 9Page - Analog Devices ADE7761BARS-RL Datasheet HTML 10Page - Analog Devices ADE7761BARS-RL Datasheet HTML 11Page - Analog Devices ADE7761BARS-RL Datasheet HTML 12Page - Analog Devices ADE7761BARS-RL Datasheet HTML 13Page - Analog Devices ADE7761BARS-RL Datasheet HTML 14Page - Analog Devices ADE7761BARS-RL Datasheet HTML 15Page - Analog Devices ADE7761BARS-RL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADE7761B
Rev. 0 | Page 12 of 24
Typical Connection Diagrams
Figure 15 shows a typical connection diagram for Channel V1.
The analog inputs are used to monitor both the phase and
neutral currents. Because of the large potential difference
between the phase and neutral, two current transformers (CTs)
must be used to provide the isolation. Note that both CTs are
referenced to analog ground (AGND); therefore, the common-
mode voltage is 0 V. The CT turn ratio and burden resistor (RB)
are selected to give a peak differential voltage of ±660 mV/gain.
AGND
V1B
V1N
V1A
RF
RF
CF
CF
CT
CT
RB
RB
IN
IP
±660mV
GAIN
±660mV
GAIN
Figure 15. Typical Connection for Channel V1
Figure 16 shows two typical connections for Channel V2.
The first option uses a potential transformer (PT) to provide
complete isolation from the main voltage. In the second option,
the ADE7761B is biased around the neutral wire, and a resistor
divider is used to provide a voltage signal that is proportional to
the line voltage. Adjusting the ratio of RA and RB + VR is a
convenient way to carry out a gain calibration on the meter.
1RB + VR = RF.
VR1
RB1
RA1
V2P
RF
V2N
CT
V2P
RF
RF
V2N
CF
CF
CF
±660mV
AGND
Figure 16. Typical Connections for Channel V2
Figure 17 shows a typical connection for the MISCAL input.
The voltage reference input (REFIN/OUT) is used as a dc reference
to set the MISCAL voltage.
VR1
RD
RC
MISCAL
RF
V2N
CF
CF
REFIN/OUT
Figure 17. Typical Connection for MISCAL
Adjusting the level of MISCAL to calibrate the meter in missing
neutral mode can be done by changing the ratio of RC and
RD + VR1. When the internal reference is used, the values of RC,
RD, and VR1 must be chosen to limit the current sourced by
the internal reference sourcing current to below the specified
10 μA. Therefore, because VREF internal = 2.5 V, RC + RD +
VR1 > 600 kΩ.
INTERNAL OSCILLATOR
The nominal internal oscillator frequency is 450 kHz when
used with the recommended ROSC resistor value of 6.2 kΩ
between RCLKIN and DGND (see Figure 18).
2.5V
REFERENCE
INTERNAL
OSCILLATOR
9
ADE7761B
DGND
RCLKIN
REFIN/OUT
3kΩ
ROSC
14
17
Figure 18. Internal Oscillator Connection
The internal oscillator frequency is inversely proportional to the
value of this resistor. Although the internal oscillator operates
when used with an ROSC resistor value between 5 kΩ and 12 kΩ,
it is recommended that a value be chosen within the range of
the nominal value.
The output frequencies on CF, F1, and F2 are directly propor-
tional to the internal oscillator frequency; therefore, Resistor ROSC
must have a low tolerance and low temperature drift. A low
tolerance resistor limits the variation of the internal oscillator
frequency. A small variation of the clock frequency and, conse-
quently, of the output frequencies from meter to meter contributes
to a smaller calibration range of the meter.
A low temperature drift resistor directly limits the variation of
the internal clock frequency over temperature. The stability of
the meter to external variation is then better ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com