Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, (G = +1, RF = 0 Ω, RG open and G = +2, RF = RG = 499 Ω), unless otherwise noted.
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +2
G = +5
G = +10
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
Figure 8. Small Signal Frequency Responses for Various Gains (LFCSP)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
RL = 1kΩ
VOUT = 0.2V p-p
±5V
+5V
Figure 9. Small Signal Frequency Response for Various Supply Voltages (LFCSP)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
–40°C
+125°C
+25°C
G = +1
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
Figure 10. Small Signal Frequency Response for Various Temperatures (LFCSP)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +2
G = +10
VS = ±5V
RL = 1kΩ
VOUT = 2V p-p
G = +5
Figure 11. Large Signal Frequency Responses for Various Gains (LFCSP)
1
10
100
1000
FREQUENCY (MHz)
NO CAP LOAD
G = +2
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
5pF
10pF
Figure 12. Small Signal Frequency Response for Various Capacitive Loads (LFCSP)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
VS = ±5V
RL = 100Ω
1V p-p
4V p-p
Figure 13. Large Signal Frequency Response vs. VOUT (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com