Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 16 of 20
APPLICATIONS INFORMATION
PD PIN OPERATION
The PD pin is used to power down the chip, which reduces the
quiescent current and the overall power consumption. It is low
enabled which means that the chip is on with full power when
the PD pin input voltage is low (see Table 8). Note that PD
does not put the output in a high-Z state, which means that
the ADA4857 should not be used as a multiplexer.
Table 8. PD Operation Table Guide
PD Pin Voltage
Supply Voltage
Chip
≤+0.8 V
±5 V
Enabled
≥+3 V
±5 V
Powered down
≤−1.7 V
±2.5 V
Enabled
≥+0.5 V
±2.5 V
Powered down
≤+0.8 V
+5 V
Enabled
≥+3 V
+5 V
Powered down
No connect
All
Enabled
CAPACITIVE LOAD CONSIDERATIONS
When driving a capacitive load, RSNUB is used to reduce the
peaking (see
). An optimum resistor value of 40 Ω is
found to maintain the peaking within 1 dB for any capacitive
load up to 40 pF.
B
Figure 45
RECOMMENDED VALUES FOR VARIOUS GAINS
Table 9 provides a useful reference for determining various
gains and associated performance. Resistors RF and RG are
kept low to minimize their contribution to the overall noise
performance of the amplifier.
Table 9. Various Gain and Recommended Resistor Values Associated with Conditions; VS = ±5 V, TA = 25°C, RL = 1 kΩ, RT = 49.9 Ω
Gain
RF (Ω)
RG (Ω)
−3 dB SS BW (MHz),
VOUT = 200 mV p-p
Slew Rate (V/μs),
VOUT = 2 V Step
ADA4857 Voltage
Noise (nV/√Hz), RTO
Total System
Noise (nV/√Hz), RTO
+1
0
N/A
850
2350
4.4
4.49
+2
499
499
360
1680
8.8
9.89
+5
499
124
90
516
22.11
23.49
+10
499
56.2
43
213
43.47
45.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com