Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 14 of 20
FREQUENCY (Hz)
1
10
1000
100
1
10
100
1k
10k
100k
1M
VS = ±5V
Figure 40. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
1
10
100
10
100
1k
10k
100k
1M
VS = ±5V
Figure 38. Input Current Noise vs. Frequency
TIME (20µs/DIV)
3.5
–0.5
3.0
0
0.5
2.5
1.0
1.5
2.0
OUTPUT
PD INPUT
50
40
30
20
10
4.95
4.90
4.85
5.00
0
SUPPLY CURRENT (mA)
5.15
5.10
5.05
N = 238
MEAN: 5.00
SD: 0.02
Figure 39. Supply Current
Figure 41. Disable/Enable Switching Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com