Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4857-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Connection Diagrams...................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Supply ................................................................................... 3
+5 V Supply ................................................................................... 4
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
Maximum Power Dissipation ..................................................... 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Typical Performance Characteristics ..............................................9
Test Circuits..................................................................................... 15
Applications Information .............................................................. 16
PD Pin Operation....................................................................... 16
Capacitive Load Considerations .............................................. 16
Recommended Values for Various Gains................................ 16
Noise ............................................................................................ 17
Circuit Considerations .............................................................. 17
PCB Layout ................................................................................. 17
Power Supply Bypassing ............................................................ 17
Grounding ................................................................................... 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 19
REVISION HISTORY
5/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com