Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4857-2YCPZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4857-2YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 5 of 20
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Overdrive Recovery Time
G = +2
15
ns
Output Voltage Swing
RL = 1 kΩ
1 to 4
V
RL = 100 Ω
1.1 to 3.9
V
Output Current
50
mA
Short-Circuit Current
Sinking and sourcing
75
mA
Capacitive Load Drive
30% overshoot, G = +2
10
pF
POWER SUPPLY
Operating Range
4.5
10.5
V
Quiescent Current
4.5
5
mA
Quiescent Current (Power Down)
PD ≥ VCC − 2 V
250
350
μA
Positive Power Supply Rejection
+VS = 4.5 V to 5.5 V, −VS = 0 V
−58
−62
dB
Negative Power Supply Rejection
+VS = 5 V, −VS = −0.5 V to +0.5 V
−65
−68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com