Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4857-2YCPZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4857-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 12 of 20
TIME (10ns/DIV)
0.25
–0.25
–0.20
0.20
–0.15
0.15
–0.10
0.10
–0.05
0
0.05
CL = 10pF
CL = 1.5pF
VS = ±5V
RL = 1kΩ
G = +1
Figure 26. Small Signal Transient Response for Various Capacitive Loads (LFCSP)
TIME (10ns/DIV)
0.25
–0.25
–0.20
0.20
–0.15
0.15
–0.10
0.10
–0.05
0
0.05
VS = ±5V
VS = ±2.5V
RL = 1kΩ
G = +1
Figure 27. Small Signal Transient Response for Various Supply Voltages (LFCSP)
0.1
1
10
100
1000
1000
0.1
1
10
100
FREQUENCY (MHz)
VS = ±5V
G = +2
G = +5
Figure 28. Output Impedance vs. Frequency for Various Gains
TIME (10ns/DIV)
2.0
–2.0
–1.6
1.6
–1.2
1.2
–0.8
0.8
–0.4
0
0.4
RL = 1kΩ
RL = 100Ω
VS = ±5V
G = +2
Figure 29. Large Signal Transient Response for Various Load Resistances (SOIC)
TIME (10ns/DIV)
2.0
–2.0
–1.6
1.6
–1.2
1.2
–0.8
0.8
–0.4
0
0.4
RL = 1kΩ
RL = 100Ω
VS = ±5V
G = +1
Figure 30. Large Signal Transient Response for Various Load Resistances (LFCSP)
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
G = +2
0.01
0.1
1
10
100
Figure 31. Closed-Loop Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com