Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4857-2YCPZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4857-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 13 of 20
PHASE
GAIN
–10
0
10
20
30
40
50
60
70
0.1
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
RL = 1kΩ
Figure 32. Open-Loop Gain and Phase vs. Frequency
TIME (40ns/DIV)
8
–8
6
–6
–4
4
–2
0
2
OUTPUT
RL = 100Ω
OUTPUT
RL = 1kΩ
INPUT
VS = ±5V
G = +1
Figure 33. Input Overdrive Recovery for Various Resistive Loads
–30
–20
–10
0
10
–80
–70
–60
–50
–40
0.1
1
10
100
1000
FREQUENCY (MHz)
–PSRR
+PSRR
VS = ±5V
RL= 1kΩ
Figure 34. Power Supply Rejection Ratio (PSRR) vs. Frequency
SOIC
LFCSP
–30
–20
–10
0
–100
–70
–80
–90
–60
–50
–40
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +2
VS = ±5V
RL = 1kΩ
PD = 3V
Figure 35. PD Isolation vs. Frequency
TIME (200ns/DIV)
8
–8
6
–6
–4
4
–2
0
2
OUTPUT
RL = 100Ω
OUTPUT
RL = 1kΩ
2 × INPUT
VS = ±5V
G = +2
Figure 36. Output Overdrive Recovery for Various Resistive Loads
–30
–90
–80
–70
–60
–50
–40
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
RL= 1kΩ
Figure 37. Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com