Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4857-2YCPZ-R7
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4857-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADA4857-1/ADA4857-2
Rev. 0 | Page 11 of 20
1234567
8
–120
–110
–100
–90
–80
–70
–60
–50
–40
HD2, f = 10MHz
HD3, f = 1MHz
HD3, f = 10MHz
HD2, f = 1MHz
OUTPUT VOLTAGE (V p-p)
G = +2
VS = ±5V
RL= 1kΩ
Figure 20. Harmonic Distortion vs. Output Voltage
5.7
5.8
5.9
6.1
6.0
6.2
6.3
110
100
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 0.2V p-p
VS = ±5V
G = +2
RL= 150Ω
Figure 21. 0.1 dB Flatness vs. Frequency for Various Output Voltages (SOIC)
TIME (10ns/DIV)
2.5
–2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0
0.5
4V p-p
2V p-p
VS = ±5V
RL = 1kΩ
G = +2
Figure 22. Large Signal Transient Response for Various Output Voltages (SOIC)
TIME (5ns/DIV)
0.5
–0.5
–0.4
0.4
–0.3
0.3
–0.2
0.2
–0.1
0
0.1
OUTPUT
INPUT
VOUT = 2V p-p
G = +2
VS = ±5
Figure 23. Short-Term Settling Time (LFCSP)
5.7
5.8
5.9
6.1
6.0
6.2
6.3
1
10
100
FREQUENCY (MHz)
VOUT = 2V p-p
VOUT = 0.2V p-p
VS = ±5V
G = +2
RL= 150Ω
Figure 24. 0.1 dB Flatness vs. Frequency for Various Output Voltages (LFCSP)
TIME (10ns/DIV)
2.5
–2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0
0.5
4V p-p
2V p-p
VS = ±5V
RL = 1kΩ
G = +1
Figure 25. Large Signal Transient Response for Various Output Voltages (LFCSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com