Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L080 Datasheet(PDF) 13 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 13 Page - AMIC Technology

Back Button A25L080 Datasheet HTML 9Page - AMIC Technology A25L080 Datasheet HTML 10Page - AMIC Technology A25L080 Datasheet HTML 11Page - AMIC Technology A25L080 Datasheet HTML 12Page - AMIC Technology A25L080 Datasheet HTML 13Page - AMIC Technology A25L080 Datasheet HTML 14Page - AMIC Technology A25L080 Datasheet HTML 15Page - AMIC Technology A25L080 Datasheet HTML 16Page - AMIC Technology A25L080 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
12
AMIC Technology Corp.
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction allows the
Status Register to be read. The Status Register may be read
at any time, even while a Program, Erase or Write Status
Register cycle is in progress. When one of these cycles is in
progress, it is recommended to check the Write In Progress
(WIP) bit before sending a new instruction to the device. It is
also possible to read the Status Register continuously, as
shown in Figure 6.
Table 4. Status Register Format
SRWD
0
BP2
BP1
BP0 WEL WIP
Status Register
Write Protect
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit
b0
b7
0
b6
b5
b4
b3
b2
b1
The status and control bits of the Status Register are as
follows:
WIP bit.
The Write In Progress (WIP) bit indicates whether
the memory is busy with a Write Status Register, Program or
Erase cycle. When set to 1, such a cycle is in progress, when
reset to 0 no such cycle is in progress.
WEL bit.
The Write Enable Latch (WEL) bit indicates the
status of the internal Write Enable Latch. When set to 1 the
internal Write Enable Latch is set, when set to 0 the internal
Write Enable Latch is reset and no Write Status Register,
Program or Erase instruction is accepted.
BP2, BP1, BP0 bits.
The Block Protect (BP2, BP1, BP0) bits
are non-volatile. They define the size of the area to be
software protected against Program and Erase instructions.
These bits are written with the Write Status Register (WRSR)
instruction. When one or more of the Block Protect (BP2,
BP1, BP0) bits is set to 1, the relevant memory area (as
defined in Table 1.) becomes protected against Page
Program (PP), Sector Erase (SE), and Block Erase (BE)
instructions. The Block Protect (BP2, BP1, BP0) bits can be
written provided that the Hardware Protected mode has not
been set. The Chip Erase (CE) instruction is executed if, and
only if, all Block Protect (BP2, BP1, BP0) bits are 0.
SRWD bit.
The Status Register Write Disable (SRWD) bit is
operated in conjunction with the Write Protect (
W ) signal.
The Status Register Write Disable (SRWD) bit and Write
Protect (
W ) signal allow the device to be put in the
Hardware Protected mode (when the Status Register Write
Disable (SRWD) bit is set to 1, and Write Protect (
W ) is
driven Low). In this mode, the non-volatile bits of the Status
Register (SRWD, TB, BP2, BP1, BP0) become read-only bits
and the Write Status Register (WRSR) instruction is no
longer accepted for execution.
Figure 6. Read Status Register (RDSR) Instruction Sequence and Data-Out Sequence
0
1
2
3
4
5
6
7
810
911 12 13 14 15
MSB
MSB
Status Register Out
Status Register Out
High Impedance
Instruction
01 2 3 4 5 6 7
0
1
2
3
4
5
6
77
S
C
DIO
DO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com