Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L080 Datasheet(PDF) 3 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 3 Page - AMIC Technology

  A25L080 Datasheet HTML 1Page - AMIC Technology A25L080 Datasheet HTML 2Page - AMIC Technology A25L080 Datasheet HTML 3Page - AMIC Technology A25L080 Datasheet HTML 4Page - AMIC Technology A25L080 Datasheet HTML 5Page - AMIC Technology A25L080 Datasheet HTML 6Page - AMIC Technology A25L080 Datasheet HTML 7Page - AMIC Technology A25L080 Datasheet HTML 8Page - AMIC Technology A25L080 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
2
AMIC Technology Corp.
Block Diagram
Control Logic
High Voltage
Generator
I/O Shift Register
Address register
and Counter
256 Byte
Data Buffer
Status
Register
X Decoder
256 Byte (Page Size)
Size of the
memory area
DIO
DO
C
000FFh
00000h
HOLD
W
S
1FFFFF
Pin Descriptions
Pin No.
Description
C
Serial Clock
DIO
Serial Data Input
1
DO
Serial Data Output
2
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Notes:
1. The DIO is also used as an output pin when the Fast
Read Dual Output instruction and the Fast Read Dual
Input-Output instruction are executed.
2. The DO is also used as an input pin when the Fast
Read Dual Input-Output instruction.
Logic Symbol
A25L016
DO
DIO
S
W
HOLD
V
SS
V
CC
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com