Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25L080 Datasheet(PDF) 14 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 14 Page - AMIC Technology

Back Button A25L080 Datasheet HTML 10Page - AMIC Technology A25L080 Datasheet HTML 11Page - AMIC Technology A25L080 Datasheet HTML 12Page - AMIC Technology A25L080 Datasheet HTML 13Page - AMIC Technology A25L080 Datasheet HTML 14Page - AMIC Technology A25L080 Datasheet HTML 15Page - AMIC Technology A25L080 Datasheet HTML 16Page - AMIC Technology A25L080 Datasheet HTML 17Page - AMIC Technology A25L080 Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
13
AMIC Technology Corp.
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new
values to be written to the Status Register. Before it can be
accepted, a Write Enable (WREN) instruction must
previously have been executed. After the Write Enable
(WREN) instruction has been decoded and executed, the
device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by
driving Chip Select ( S ) Low, followed by the instruction
code and the data byte on Serial Data Input (DIO).
The instruction sequence is shown in Figure 7. The Write
Status Register (WRSR) instruction has no effect on b6, b5,
b1 and b0 of the Status Register. b6 and b5 are always read
as 0.
Chip Select ( S ) must be driven High after the eighth bit of
the data byte has been latched in. If not, the Write Status
Register (WRSR) instruction is not executed. As soon as
Chip Select ( S ) is driven High, the self-timed Write Status
Register cycle (whose duration is tW) is initiated. While the
Write Status Register cycle is in progress, the Status
Register may still be read to check the value of the Write In
Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Write Status Register cycle, and is 0
when it is completed. When the cycle is completed, the
Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the
user to change the values of the Block Protect (BP2, BP1,
BP0) bits, to define the size of the area that is to be treated
as read-only, as defined in Table 1. The Write Status
Register (WRSR) instruction also allows the user to set or
reset the Status Register Write Disable (SRWD) bit in
accordance with the Write Protect (
W ) signal. The Status
Register Write Disable (SRWD) bit and Write Protect (
W )
signal allow the device to be put in the Hardware Protected
Mode (HPM). The Write Status Register (WRSR) instruction
is not executed once the Hardware Protected Mode (HPM)
is entered.
Figure 7. Write Status Register (WRSR) Instruction Sequence
11 12 13 14 15
Status
Register In
High Impedance
Instruction
S
C
DIO
DO
MSB
810
9
01 2 3 4 5 6 7
2
3
4
5
6
70
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com